Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 95 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 95 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 91Page - Microchip Technology MEC1322 Datasheet HTML 92Page - Microchip Technology MEC1322 Datasheet HTML 93Page - Microchip Technology MEC1322 Datasheet HTML 94Page - Microchip Technology MEC1322 Datasheet HTML 95Page - Microchip Technology MEC1322 Datasheet HTML 96Page - Microchip Technology MEC1322 Datasheet HTML 97Page - Microchip Technology MEC1322 Datasheet HTML 98Page - Microchip Technology MEC1322 Datasheet HTML 99Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 95
MEC1322
5.11.1
LPC BUS MONITOR REGISTER
5.11.2
HOST BUS ERROR REGISTER
TABLE 5-21:
EC-ONLY REGISTER SUMMARY
Offset
Register Name
04h
LPC Bus Monitor Register
08h
Host Bus Error Register
0Ch
EC SERIRQ Register
10h
EC Clock Control Register
14h
MCHP Test Register
18h
MCHP Test Register
20h
BAR Inhibit Register
24h
MCHP Reserved
28h
MCHP Reserved
2Ch
MCHP Reserved
30h
LPC BAR Init Register
Note:
MCHP Reserved registers are read/write registers. Modifying these registers may have unwanted results.
Offset
04h
Bits
Description
Type
Default
Reset
Event
31:2 RESERVED
RES
-
-
1 LRESET_STATUS
This bit reflects the state of the LRESET# input pin. The LRE-
SET_Status is the inverse of the LRESET# pin.
When the LRESET_Status bit is ‘0b’, the LRESET# input pin is de-
asserted (that is, the pin has the value ‘1b’). When the LRESET_Sta-
tus bit is ‘1b’, the LRESET# input pin is asserted (that is, the pin has
the value ‘0b’).
R0h
VCC1_R
ESET
0 MCHP Reserved
R
0h
VCC1_R
ESET
Offset
08h
Bits
Description
Type
Default
Reset
Event
31:8 ErrorAddress[23:16]
This 24-bit field captures the 24-bit internal address of every LPC
transaction whenever the bit LPC_INTERNAL_ERR in this register
is 0. When LPC_INTERNAL_ERR is 1 this register is not updated
but retains its previous value. When bus errors occur this field saves
the address of the first address that caused an error.
R0h
VCC1_R
ESET
5DMA_ERR
This bit is set to 1 whenever EN_INTERNAL_ERR is 1 and an LPC
DMA access causes an internal bus error. Once set, it remains set
until cleared by being written with a 1.
R/WC
0h
VCC1_R
ESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com