Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 49 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 49 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 45Page - Microchip Technology MEC1322 Datasheet HTML 46Page - Microchip Technology MEC1322 Datasheet HTML 47Page - Microchip Technology MEC1322 Datasheet HTML 48Page - Microchip Technology MEC1322 Datasheet HTML 49Page - Microchip Technology MEC1322 Datasheet HTML 50Page - Microchip Technology MEC1322 Datasheet HTML 51Page - Microchip Technology MEC1322 Datasheet HTML 52Page - Microchip Technology MEC1322 Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 49
MEC1322
The following circuit is recommended to fulfill this requirement:
FIGURE 3-1:
RECOMMENDED BATTERY CIRCUIT
3.4.2
VOLTAGE REFERENCES
Table 3-2 lists the External Voltage References to which the MEC1322 provides high impedance interfaces.
Note 3-2
The VREF_PECI does not have a power good signal associated with it. See VREF Buffer type
definition in Table 37-4, “DC Electrical Characteristics,” on page 391.
3.4.3
POWER GOOD SIGNALS
The power good timing and thresholds are defined in the Section 38.1, "Voltage Thresholds and Power Good Timing,"
on page 397.
TABLE 3-2:
VOLTAGE REFERENCE DEFINITIONS
Power Well
Nominal Input
Voltage
Scaling Ratio
Nominal
Monitored
Voltage
Description
Source
VREF_PECI
(Note 3-2)
Variable
n/a
Variable
Processor Voltage
External Voltage Reference
Used to scale Processor
Interface signals
Pin Interface
TABLE 3-3:
POWER GOOD SIGNAL DEFINITIONS
Power Good
Signal
Description
Source
VCC1GD
VCC1GD is an internal power good signal used
to indicate when the VCC1 rail is on and stable.
VCC1GD is asserted following a delay after the
VCC1 power well exceeds its preset voltage
threshold. VCC1GD is de-asserted
as soon as this voltage drops below this thresh-
old.
PWRGD
PWRGD is used to indicate when the main
power rail voltage is on and stable.
VCC_PWRGD Input pin
VCC0
to EC
To EC as
VCC1
3.0V nom
Coin Cell
“RTC” Rail (PCH, System)
+
(Schottky
Diode)
(Schottky Diode)
3.3V nom,
from AC Source
or Battery Pack
()
Possible
Current Limiter
(1K typ.)
3.3V max with
VCC1 = 0V,
3.6V max with
VCC1 = VBAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com