Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 88 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 88 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 84Page - Microchip Technology MEC1322 Datasheet HTML 85Page - Microchip Technology MEC1322 Datasheet HTML 86Page - Microchip Technology MEC1322 Datasheet HTML 87Page - Microchip Technology MEC1322 Datasheet HTML 88Page - Microchip Technology MEC1322 Datasheet HTML 89Page - Microchip Technology MEC1322 Datasheet HTML 90Page - Microchip Technology MEC1322 Datasheet HTML 91Page - Microchip Technology MEC1322 Datasheet HTML 92Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 456 page
background image
MEC1322
DS00001719D-page 88
 2014 - 2015 Microchip Technology Inc.
Note 1:
The Block Instance number is only included if there are multiple instantiations of a block. Otherwise, single
block instances do not require this differentiation.
FIGURE 5-6:
SIRQ ROUTING INTERNAL LOGICAL DEVICES
5.9
LPC Configuration Registers
The configuration registers listed in Table 5-14, "Configuration Register Summary" are for a single instance of the LPC
Interface. The addresses of each register listed in Table 5-14 are defined as a relative offset to the host “Begin Address”
defined in Table 5-13.
00
Bh
RTC
RTC
0
0
Ch
LPC interface
EC_IRQ
Note:
Two Logical Devices cannot share a Serial IRQ.
TABLE 5-12:
LOGICAL DEVICE SIRQ ROUTING (CONTINUED)
SIRQ Interrupt Configuration
Register
Logical Device Interrupt Source
SELECT
DEVICE
FRAME
Logical Device
(Block Instance -
Note 1:)
Interrupt Source
0
1
?
?
?
?
?
?
LD 00h- Int
LD 3Fh- Int
LD 00h-Int0
LD 00h-Int1
0
1
SIRQi Conguration Register[7:0]
Device
Frame
SERIRQi
Source
8
7
6
0
1
LD 3Fh-Int0
LD 3Fh-Int1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com