Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 78 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 78 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 74Page - Microchip Technology MEC1322 Datasheet HTML 75Page - Microchip Technology MEC1322 Datasheet HTML 76Page - Microchip Technology MEC1322 Datasheet HTML 77Page - Microchip Technology MEC1322 Datasheet HTML 78Page - Microchip Technology MEC1322 Datasheet HTML 79Page - Microchip Technology MEC1322 Datasheet HTML 80Page - Microchip Technology MEC1322 Datasheet HTML 81Page - Microchip Technology MEC1322 Datasheet HTML 82Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 456 page
background image
MEC1322
DS00001719D-page 78
 2014 - 2015 Microchip Technology Inc.
Note 5-1
The EC can determine the state of the LRESET# input using registers in LPC Bus Monitor Register
on page 95.
Note 5-2
VCC1_RESET is asserted when VCC1 is turned off and is released after VCC1 is turned on. The
VCC1_RESET will be released before the System Host is expected to attempt communication over
the LPC Interface.
Note 5-3
See the individual register descriptions to determine which registers are effected by nSIO_RESET.
Note 5-4
The LPC Interface will be ready to receive a new transaction when LRESET# is deasserted. See the
individual register descriptions to determine which registers are effected by this reset.
In system, the LPC Interface is required to be operational in ACPI Sleep States S0 - S2. When the system enters Sleep
States S3 - S5 the LPC interface must tristate its outputs. The following table shows the behavior of LPC output and
input/output signals under reset conditions.
5.6
Interrupts
This section defines the Interrupt Sources generated from this block.
5.7
Low Power Modes
The LPC Controller may be put into a low power state by the chip’s Power, Clocks, and Reset (PCR) circuitry.
The LPC Block has implemented an EC Clock Control Register to determine how the internal clocks are effected by the
supported low power modes. See Section 5.11.4, "EC Clock Control Register," on page 96 for a description of these
options.
5.8
Description
This LPC Controller is compliant with the Intel® Low Pin Count (LPC) Interface Specification, v1.1. Section 5.8.1, "LPC
Controller Description" further clarifies which LPC Interface features have been implemented and qualifies any system
specific requirements.
TABLE 5-6:
LPC Interface BLOCK RESET STATES
VCC1_RESET
(Note 5-2)
LRESET#
(Note 5-1, Note 5-4)
nSIO_RESET
(Note 5-3)
Reset State
Asserted
X
X
Resets all registers and logic
Deasserted
Asserted
X
Resets selected registers and logic
Deasserted
Asserted
Resets selected registers
Deasserted
Nothing is in Reset
Note:
See Section 5.8.1.3, "LPC Clock Run," on page 80 page 157 for LPC protocol dependent pin state transi-
tions requirements.
TABLE 5-7:
LPC INTERFACE SIGNALS BEHAVIOR ON RESET
Pins
VCC1_RESET
nSIO_RESET
LRESET#
Asserted
LAD[3:0]
Tri-state
Tri-state
Tri-State
SERIRQ
Tri-state
Tri-state
Tri-State
CLKRUN#
Tri-state
Tri-state
Tri-State
Source
Description
LPC_INTERNAL_ERR
The LPC_INTERNAL_ERR event is sourced by bit D0 of the Host Bus
Error Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com