Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 96 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 96 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 92Page - Microchip Technology MEC1322 Datasheet HTML 93Page - Microchip Technology MEC1322 Datasheet HTML 94Page - Microchip Technology MEC1322 Datasheet HTML 95Page - Microchip Technology MEC1322 Datasheet HTML 96Page - Microchip Technology MEC1322 Datasheet HTML 97Page - Microchip Technology MEC1322 Datasheet HTML 98Page - Microchip Technology MEC1322 Datasheet HTML 99Page - Microchip Technology MEC1322 Datasheet HTML 100Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 456 page
background image
MEC1322
DS00001719D-page 96
 2014 - 2015 Microchip Technology Inc.
5.11.3
EC SERIRQ REGISTER
5.11.4
EC CLOCK CONTROL REGISTER
4CONFIG_ERR
This bit is set to 1 whenever EN_INTERNAL_ERR is 1 and an LPC
Configuration access causes an internal bus error. Once set, it
remains set until cleared by being written with a 1.
R/WC
0h
VCC1_R
ESET
3 RUNTIME_ERR
This bit is set to 1 whenever EN_INTERNAL_ERR is 1 and an LPC
I/O access causes an internal bus error. This error will only occur if a
BAR is misconfigured. Once set, it remains set until cleared by being
written with a 1.
R/WC
0h
VCC1_R
ESET
2 BAR_CONFLICT
This bit is set to 1 whenever a BAR conflict occurs on an LPC
address. A Bar conflict occurs when more than one BAR matches
the address during of an LPC cycle access. Once this bit is set, it
remains set until cleared by being written with a 1.
R/WC
0h
VCC1_R
ESET
1 EN_INTERNAL_ERR
When this bit is 0, only a BAR conflict, which occurs when two BARs
match the same LPC I/O address, will cause LPC_INTERNAL_ERR
to be set. When this bit is 1, internal bus errors will also cause
LPC_INTERNAL_ERR to be set.
R/WC
0h
VCC1_R
ESET
0 LPC_INTERNAL_ERR
This bit is set whenever a BAR conflict or an internal bus error
occurs as a result of an LPC access. Once set, it remains set until
cleared by being written with a 1. This signal may be used to gener-
ate interrupts. See Section 5.6, "Interrupts," on page 78.
R/WC
0h
VCC1_R
ESET
Offset
0Ch
Bits
Description
Type
Default
Reset
Event
31:1 RESERVED
RES
-
-
0EC_IRQ
If the LPC Logical Device is selected as the source for a Serial Inter-
rupt Request by an Interrupt Configuration register (see Section
5.8.4.8, "SERIRQ Interrupts," on page 87), this bit is used as the
interrupt source.
R/W
0h
VCC1_R
ESET
Offset
10h
Bits
Description
Type
Default
Reset
Event
31:3 RESERVED
RES
-
-
2 Handshake
This bit controls throughput of LPC transactions.
When this bit is a ‘0’ the part supports a 33MHz PCI Clock. When
this bit is a ‘1’, the part supports a PCI Clock from 19.2MHz (includ-
ing 24MHz) to 33MHz.
RES
1h
VCC1_
RESET
Offset
08h
Bits
Description
Type
Default
Reset
Event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com