Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 69 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 69 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 65Page - Microchip Technology MEC1322 Datasheet HTML 66Page - Microchip Technology MEC1322 Datasheet HTML 67Page - Microchip Technology MEC1322 Datasheet HTML 68Page - Microchip Technology MEC1322 Datasheet HTML 69Page - Microchip Technology MEC1322 Datasheet HTML 70Page - Microchip Technology MEC1322 Datasheet HTML 71Page - Microchip Technology MEC1322 Datasheet HTML 72Page - Microchip Technology MEC1322 Datasheet HTML 73Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 69
MEC1322
3.9.17
EC RESET ENABLE 2 REGISTER (EC_RST_EN2)
3 RESERVED
RES
2 TACH0 Reset Enable
0: block will not be reset on sleep.
1: block will be reset on sleep.
R/W
0h
VCC1_R
ESET
1 PECI Reset Enable
0: block will not be reset on sleep.
1: block will be reset on sleep.
R/W
0h
VCC1_R
ESET
0 INT Reset Enable
0: block will not be reset on sleep.
1: block will be reset on sleep.
R/W
0h
VCC1_R
ESET
Note:
If a block is configured such that it is to be reset when it goes to sleep, then registers within the block may
not be writable when the block is asleep.
Offset
44h
Bits
Description
Type
Default
Reset
Event
31:29 RESERVED
RES
28 MCHP Reserved
R/W
0h
VCC1_R
ESET
27 MCHP Reserved
R/W
0h
VCC1_R
ESET
26 MCHP Reserved
R/W
0h
VCC1_R
ESET
25 LED3 Reset Enable
0: block will not be reset on sleep.
1: block will be reset on sleep.
R/W
0h
VCC1_R
ESET
24 TIMER32_1 Reset Enable
0: block will not be reset on sleep.
1: block will be reset on sleep.
R/W
0h
VCC1_R
ESET
23 TIMER32_0 Reset Enable
0: block will not be reset on sleep.
1: block will be reset on sleep.
R/W
0h
VCC1_R
ESET
22 TIMER16_3 Reset Enable
0: block will not be reset on sleep.
1: block will be reset on sleep.
R/W
0h
VCC1_R
ESET
21 TIMER16_2_Reset Enable
0: block will not be reset on sleep.
1: block will be reset on sleep.
R/W
0h
VCC1_R
ESET
20 SPI1 Reset Enable
0: block will not be reset on sleep.
1: block will be reset on sleep.
R/W
0h
VCC1_R
ESET
Offset
40h
Bits
Description
Type
Default
Reset
Event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com