Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 13 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 9Page - Microchip Technology MEC1322 Datasheet HTML 10Page - Microchip Technology MEC1322 Datasheet HTML 11Page - Microchip Technology MEC1322 Datasheet HTML 12Page - Microchip Technology MEC1322 Datasheet HTML 13Page - Microchip Technology MEC1322 Datasheet HTML 14Page - Microchip Technology MEC1322 Datasheet HTML 15Page - Microchip Technology MEC1322 Datasheet HTML 16Page - Microchip Technology MEC1322 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 13
MEC1322
1.3.2
POR GLITCH PROTECTED PINS
All pins in the MEC1322 have POR output glitch protection. POR output glitch protection ensures that pins will have a
steady-state output during VCC1 POR.
In addition, signals in Table 1-4 have additional drive low POR circuitry. Signals in Table 1-4 refer to Pin Reference Num-
bers as defined in Table 1-1.
These pins are anti-glitch, driven low on VCC1 POR.
TABLE 1-4:
GLITCH PROTECTED POR DRIVE LOW PINS
The following signals require a pull-down on the board:
• nRESET_OUT/GPIO121
• GPIO143/RSMRST#
1.3.3
NON BACKDRIVE PROTECTED PINS
Table 1-5 lists pins which do not have backdrive protection. Signals in Table 1-5 refer to Pin Reference Numbers as
defined in Table 1-1.
These pins have no backdrive protection. If VCC1 is off must insure that none of these pins is above 0V to prevent back-
drive onto the VCC1 supply.
Note:
The GPIO025/I2C3_DAT0 pin is driven low, glitch free, while VCC1 is coming up. However, after VCC1 is
up and stable, the pin becomes an input (i.e., tri-stated Open Drain type), as shown in Table 1-37, “Multi-
plexing Table (16 of 18),” on page 36.
Note:
These glitch protected pins have no backdrive protection. See Section 1.3.3, "Non Backdrive Protected
Pins".
Pin Reference
Number
Pin Name
60
nRESET_OUT/GPIO121
77
VCC1_RST#/GPIO131
85
GPIO143/RSMRST#
125
GPIO025/I2C3_DAT0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com