Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 6 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 2Page - Microchip Technology MEC1322 Datasheet HTML 3Page - Microchip Technology MEC1322 Datasheet HTML 4Page - Microchip Technology MEC1322 Datasheet HTML 5Page - Microchip Technology MEC1322 Datasheet HTML 6Page - Microchip Technology MEC1322 Datasheet HTML 7Page - Microchip Technology MEC1322 Datasheet HTML 8Page - Microchip Technology MEC1322 Datasheet HTML 9Page - Microchip Technology MEC1322 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 456 page
background image
MEC1322
DS00001719D-page 6
 2014 - 2015 Microchip Technology Inc.
TABLE 1-1:
MEC1322 128 VTQFP PIN CONFIGURATION
Note 1: The XTAL2 pin can be used as a single ended clock input. See Note 9 in Section 1.6, "Notes for Tables in
this Chapter," on page 39.
2: See Note 10 in Section 1.6, "Notes for Tables in this Chapter," on page 39 for information about the SPI pins.
3: The VCC1_RST#/GPIO131 pin cannot be used as a GPIO pin. The input path to the VCC1_RST# logic is
always active and will cause a reset if this pin is set low in GPIO mode.
4: The GPIO041 pin defaults to output low. This pin must be reprogrammed to the GPIO function upon power-
up.
128
VTQFP
Number
Pin Name
Pin Ref.
Number
128
VTQFP
Number
Pin Name
128
VTQFP
Number
Pin Name
1
GPIO036
44
44
ADC0/GPIO056
87
GPIO165/TXD/SHD_CS1#
2
GPIO153/PVT_SCLK
45
45
AVSS
88
GPIO023/I2C1_DAT0
3
GPIO122/SHD_SCLK
46
46
LAD0/GPIO112
89
GPIO022/I2C1_CLK0
4
GPIO011/KSO16
47
47
VSS
90
GPIO021/I2C2_DAT0
5
KSO13/GPIO006
48
48
LAD1/GPIO114
91
GPIO020/I2C2_CLK0
6
KSO12/GPIO005
49
49
JTAG_RST#
92
GPIO105/TACH1
7
KSO11/GPIO107
50
50
LAD2/GPIO113
93
GPIO145
8
KSO10/GPIO004
51
51
LAD3/GPIO111
94
GPIO164/PVT_MISO
9
KSO09/GPIO106
52
52
LFRAME#/GPIO120
95
GPIO124/SHD_MISO
10
KSO08/GPIO003
53
53
LRESET#/GPIO116
96
GPIO146/PVT_CS0#
11
VSS
54
54
PCI_CLK/GPIO117
97
GPIO150/SHD_CS0#
12
KSO07/GPIO002
55
55
CLKRUN#/GPIO014
98
GPIO157/BC_CLK
13
KSO06/GPIO001
56
56
VSS
99
GPIO160/BC_DAT
14
VCC1
57
57
SER_IRQ/GPIO115
100
GPIO161/BC_INT#
15
CAP
58
58
VCC1
101
GPIO140/TACH2/TACH2PWM_IN
16
KSO05/GPIO104/TFDP_CLK
59
59
GPIO041
102
GPIO045/A20M/PVT_CS1#
17
KSO04/GPIO103/TFDP_DATA/XNOR
60
60
nRESET_OUT/GPIO121
103
GPIO053/PS2_CLK3
18
KSO03/GPIO102/JTAG_TDO
61
61
PS2_CLK1/GPIO050
104
VSS
19
KSO02/GPIO101/JTAG_TDI
62
62
PS2_DAT1/GPIO065
105
GPIO152/PS2_DAT3
20
KSO01/GPIO100/JTAG_TMS
63
63
GPIO035
106
VCC1
21
KSO00/GPIO000/JTAG_TCK
64
64
GPIO027
107
GPIO030
22
KSI7/GPIO043
65
65
GPIO033
108
GPIO012/KSO17
23
KSI6/GPIO042
66
66
PS2_CLK0/GPIO046
109
I2C0_DAT1/GPIO017
24
KSI5/GPIO040
67
67
PS2_DAT0/GPIO047
110
I2C0_CLK1/GPIO134
25
KSI4/GPIO142/TRACECLK
68
68
VBAT
111
I2C0_DAT0/GPIO016
26
KSI3/GPIO032/TRACEDATA0
69
69
XTAL2
112
I2C0_CLK0/GPIO015
27
KSI2/GPIO144/TRACEDATA1
70
70
VSS_VBAT
113
LED0/GPIO154
28
KSI1/GPIO126/TRACEDATA2
71
71
XTAL1
114
LED1/GPIO155
29
KSI0/GPIO125/TRACEDATA3
72
72
VCC_PWRGD/GPIO063
115
LED2/GPIO156
30
GPIO031
73
73
GPIO110
116
GPIO163
31
GPIO127/PECI_RDY
74
74
GPIO130
117
VSS
32
PS2_DAT2/GPIO052
75
75
32KHZ_OUT/GPIO013
118
GPIO136/PWM1
33
GPIO147
76
76
nEC_SCI/GPIO026
119
VCC1
34
GPIO151
77
77
VCC1_RST#/GPIO131
120
GPIO133/PWM0
35
PS2_CLK2/GPIO051
78
78
GPIO141/PWM3/LED3
121
GPIO034/PWM2/TACH2PWM_OUT
36
VSS
79
79
VREF_PECI
122
GPIO135/KBRST
37
VCC1
80
80
GPIO132/PECI_DAT
123
GPIO044/nSMI
38
ADC4/GPIO062
81
81
GPIO007/KSO14
124
GPIO066
39
ADC3/GPIO061
82
82
VSS
125
GPIO025/I2C3_DAT0
40
AVCC
83
83
GPIO010/KSO15
126
GPIO024/I2C3_CLK0
41
GPIO206
84
84
VCC1
127
GPIO054/PVT_MOSI
42
ADC2/GPIO060
85
85
GPIO143/RSMRST#
128
GPIO064/SHD_MOSI
43
ADC1/GPIO057
86
86
GPIO162/RXD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com