Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 104 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 104 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 100Page - Microchip Technology MEC1322 Datasheet HTML 101Page - Microchip Technology MEC1322 Datasheet HTML 102Page - Microchip Technology MEC1322 Datasheet HTML 103Page - Microchip Technology MEC1322 Datasheet HTML 104Page - Microchip Technology MEC1322 Datasheet HTML 105Page - Microchip Technology MEC1322 Datasheet HTML 106Page - Microchip Technology MEC1322 Datasheet HTML 107Page - Microchip Technology MEC1322 Datasheet HTML 108Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 456 page
background image
MEC1322
DS00001719D-page 104
 2014 - 2015 Microchip Technology Inc.
7.3
Terminology
7.3.1
ARM IP TERMS AND ACRONYMS
•Cortex-M4F
• The ARM designation for the specific IP selected for this product: a Cortex M4 processor core containing a hard-
ware Floating Point Unit (FPU).
•ARMv7
• The identifying name for the general architecture implemented by the Cortex-M family of IP products.
• Note that ARMv7 has no relationship to the older “ARM 7” product line, which is classified as an “ARMv3” archi-
tecture, and is very different.
•FPU
• Floating-Point Unit: a subblock included in the Core for implementing the Floating Point instruction set in hard-
ware.
•NVIC
• Nested Vectored Interrupt Controller subblock. Accepts external interrupt inputs. See documents ARM Limited:
ARM®v7-M Architecture Reference Manual, DDI0403D, November 2010 and ARM® Generic Interrupt Controller
Architecture version 1.0 Architecture Specification, IHI0048A, September 2008.
•FPB
• FLASH Patch Breakpoint subblock. Provides either Remapping (Address substitution) or Breakpointing (Excep-
tion or Halt) for a set of Instruction addresses and Data addresses. See Section 8.3 of ARM Limited: Cortex®-M4
Technical Reference Manual, DDI0439C, 29 June 2010.
• DAP
• Debug Access Port, a subblock consisting of DP and AP subblocks
•DP
• Any of the ports in the DAP subblock for connection to an off-chip Debugger. A single SWJ-DP option is currently
selected for this function, providing JTAG connectivity.
•SWJ-DP
•Serial Wire / JTAG Debug Port, the DP option selected by Microchip for the DAP.
•AP
• Any of the ports on the DAP subblock for accessing on-chip resources on behalf of the Debugger, independent of
processor operations. A single AHB-AP option is currently selected for this function.
•AHB-AP
• AHB Access Port, the AP option selected by Microchip for the DAP.
•MEM-AP
• A generic term for an AP that connects to a memory-mapped bus on-chip. For this product, this term is synony-
mous with the AHB Access Port, AHB-AP.
• ROM Table
• A ROM-based data structure in the Debug section that allows an external Debugger and/or a FW monitor to deter-
mine which of the Debug features are present.
•DWT
• Data Watchdog and Trace subblock. This contains comparators and counters used for data watchpoints and Core
activity tracing.
•ETM
• Embedded Trace Macrocell subblock. Provides enhancements for Trace output reporting, mostly from the DWT
subblock. It adds enhanced instruction tracing, filtering, triggering and timestamping.
•ITM
• Instrumentation Trace Macrocell subblock. Provides a HW Trace interface for “printf”-style reports from instru-
mented firmware builds, with timestamping also provided.
•TPIU
• Trace Port Interface Unit subblock. Multiplexes and buffers Trace reports from the ETM and ITM subblocks.
•TPA
• Trace Port Analyzer: any off-chip device that uses the TPIU output.
•ATB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com