Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 108 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 108 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 104Page - Microchip Technology MEC1322 Datasheet HTML 105Page - Microchip Technology MEC1322 Datasheet HTML 106Page - Microchip Technology MEC1322 Datasheet HTML 107Page - Microchip Technology MEC1322 Datasheet HTML 108Page - Microchip Technology MEC1322 Datasheet HTML 109Page - Microchip Technology MEC1322 Datasheet HTML 110Page - Microchip Technology MEC1322 Datasheet HTML 111Page - Microchip Technology MEC1322 Datasheet HTML 112Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 456 page
background image
MEC1322
DS00001719D-page 108
 2014 - 2015 Microchip Technology Inc.
7.6
Power, Clocks and Reset
This section defines the Power, Clock, and Reset parameters of the block.
7.6.1
POWER DOMAINS
7.6.2
CLOCK INPUTS
7.6.2.1
Basic Clocking
The basic clocking comes from a free-running Clock signal provided from the chip level.
7.6.2.2
System Tick Clocking
The System Tick clocking is controlled by a signal from chip-level logic. It is the 48 MHz Ring Oscillator divided by the
following:
-((Processor Clock Divide Value)x2)+1.
7.6.2.3
Debug JTAG Clocking
The Debug JTAG clocking comes from chip-level logic, which may multiplex or gate this clock. See Section 7.9.3,
"Debugger Access Support," on page 111.
7.6.2.4
Trace Clocking
The Clock for the Trace interface is identical to the 48 MHz Ring Oscillator input.
7.6.3
RESETS
The reset interface from the chip level is given below.
7.7
Interrupts
The ARM M4F Based Embedded Controller is equipped with an Interrupt Interface to respond to interrupts. These inputs
go to the IP’s NVIC block after a small amount of hardware processing to ensure their detection at varying clock rates.
See FIGURE 7-1: ARM M4F Based Embedded Controller I/O Block Diagram on page 107.
As shown in Figure 7-1, an Interrupt Aggregator block may exist at the chip level, to allow multiple related interrupts to
be grouped onto the same NVIC input, and so allowing them to be serviced using the same vector. This may allow the
same interrupt handler to be invoked for a group of related interrupt inputs. It may also be used to expand the total num-
ber of interrupt inputs that can be serviced.
Connections to the chip-level system are given in Table 15-3, “Interrupt Event Aggregator Routing Summary,” on
page 195.
The NMI (Non-Maskable Interrupt) connection is tied off and not used.
TABLE 7-1:
POWER SOURCES
Name
Description
VCC1
The ARM M4F Based Embedded Controller is powered by VCC1.
TABLE 7-2:
CLOCK INPUTS
Name
Description
48 MHz Ring Oscillator
The EC clock derived from the 48 MHz Ring Oscillator is the clock
source to the ARM M4F Based Embedded Controller. Division of the
clock rate is allowed, according to the Processor Clock Enable.
Note:
The EC clock is controlled from the chip-level Power, Clocks,
and Reset (PCR) circuitry. See Section 3.9.8, "Processor
Clock Control Register (PROC_CLK_CNTRL)," on page 61.
TABLE 7-3:
RESET SIGNALS
Name
Description
EC_PROC_ RESET
The ARM M4F Based Embedded Controller is reset by EC_PROC_
RESET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com