Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 111 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 111 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 107Page - Microchip Technology MEC1322 Datasheet HTML 108Page - Microchip Technology MEC1322 Datasheet HTML 109Page - Microchip Technology MEC1322 Datasheet HTML 110Page - Microchip Technology MEC1322 Datasheet HTML 111Page - Microchip Technology MEC1322 Datasheet HTML 112Page - Microchip Technology MEC1322 Datasheet HTML 113Page - Microchip Technology MEC1322 Datasheet HTML 114Page - Microchip Technology MEC1322 Datasheet HTML 115Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 111
MEC1322
7.9.2
INSTRUCTION PIPELINING
There are no special considerations except as defined by ARM documentation.
7.9.3
DEBUGGER ACCESS SUPPORT
An external Debugger accesses the chip through a JTAG standard interface. The debugger itself, however, is not an
ARM product, and its capabilities will depend on the third-party product selected for code development and debug.
As shown in FIGURE 7-1: ARM M4F Based Embedded Controller I/O Block Diagram on page 107, there may be other
resources at the chip level that share the JTAG port pins; for example chip-level Boundary Scan. See Section 1.4.4,
"JTAG Interface," on page 15 for configuring the JTAG pins at the chip level for Debug purposes.
7.9.3.1
Debug and Access Ports (SWJ-DP and AHB-AP Subblocks)
These two subblocks work together to provide access to the chip for the Debugger using the Debug JTAG connection,
as described in Chapter 4 of the ARM Limited: ARM® Debug Interface v5 Architecture Specification, IHI0031A, 8 Feb-
ruary 2006.
7.9.4
BREAKPOINT, WATCHPOINT AND TRACE SUPPORT
See ARM Limited: ARM® Debug Interface v5 Architecture Specification, IHI0031A, 8 February 2006 and also ARM Lim-
ited: ARM® Debug Interface v5 Architecture Specification ADIv5.1 Supplement, DSA09-PRDC-008772, 17 August
2009. A summary of functionality follows.
Breakpoint and Watchpoint facilities can be programmed to do one of the following:
• Halt the processor. This means that the external Debugger will detect the event by periodically polling the state of
the EC.
• Transfer control to an internal Debug Monitor firmware routine, by triggering the Debug Monitor exception (see
Table 7-4, “Exception and Interrupt Vector Table Layout,” on page 109).
7.9.4.1
Instrumentation Support (ITM Subblock)
The Instrumentation Trace Macrocell (ITM) is for profiling software. This uses non-blocking register accesses, with a
fixed low-intrusion overhead, and can be added to a Real-Time Operating System (RTOS), application, or exception
handler. If necessary, product code can retain the register access instructions, avoiding probe effects.
7.9.4.2
HW Breakpoints and ROM Patching (FPB Subblock)
The Flash Patch and Breakpoint (FPB) block. This block can remap sections of ROM, typically Flash memory, to regions
of RAM, and can set breakpoints on code in ROM. This block can be used for debug, and to provide a code or data
patch to an application that requires field updates to a product in ROM.
7.9.4.3
Data Watchpoints and Trace (DWT Subblock)
The Debug Watchpoint and Trace (DWT) block provides watchpoint support, program counter sampling for performance
monitoring, and embedded trace trigger control.
7.9.4.4
Trace Interface (ETM and TPIU)
The Embedded Trace Macrocell (ETM) provides instruction tracing capability. For details of functionality and usage, see
also ARM Limited: Embedded Trace Macrocell™ (ETMv1.0 to ETMv3.5) Architecture Specification, IHI0014Q, 23 Sep-
tember 2011 and ARM Limited: CoreSight™ ETM™-M4 Technical Reference Manual, DDI0440C, 29 June 2010.
The Trace Port Interface Unit (TPIU) provides the external interface for the ITM, DWT and ETM.
See Section 1.4.16, "Trace Debug Interface," on page 19 for configuring the Trace pins at the chip level for Trace output.
7.10
ARM Configuration
In order to function correctly, it is necessary to set the ARM Auxiliary Control Register (ACTLR), located at address 0xE-
000E008, to 0x02. This sets bit[1], DISDEFWBUF, to 1. This must be done as soon as possible after Power On Reset,
or register corruption may occur.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com