Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 114 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 114 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 110Page - Microchip Technology MEC1322 Datasheet HTML 111Page - Microchip Technology MEC1322 Datasheet HTML 112Page - Microchip Technology MEC1322 Datasheet HTML 113Page - Microchip Technology MEC1322 Datasheet HTML 114Page - Microchip Technology MEC1322 Datasheet HTML 115Page - Microchip Technology MEC1322 Datasheet HTML 116Page - Microchip Technology MEC1322 Datasheet HTML 117Page - Microchip Technology MEC1322 Datasheet HTML 118Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 456 page
background image
MEC1322
DS00001719D-page 114
 2014 - 2015 Microchip Technology Inc.
9.0
EMBEDDED MEMORY INTERFACE (EMI)
9.1
Introduction
The Embedded Memory Interface (EMI) provides a standard run-time mechanism for the system host to communicate
with the Embedded Controller (EC) and other logical components. The Embedded Memory Interface includes 13 byte-
addressable registers in the Host’s address space, as well as 22 bytes of registers that are accessible only by the EC.
The Embedded Memory Interface can be used by the Host to access bytes of memory designated by the EC without
requiring any assistance from the EC. The EC may configure these regions of memory as read-only, write-only, or
read/write capable.
9.2
Interface
This block is designed to be accessed externally and internally via a register interface.
9.3
Signal Description
There are no external signals associated with this block.
9.4
Host Interface
The registers defined for the Embedded Memory Interface (EMI) are accessible by the System Host and the Embedded
Controller as indicated in Section 9.10, "EC-Only Registers" and Section 9.9, "Runtime Registers".
FIGURE 9-1:
I/O DIAGRAM OF BLOCK
Embedded Memory Interface (EMI)
Signal Description
Clock Inputs
Interrupts
Resets
Host Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com