Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 118 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 118 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 114Page - Microchip Technology MEC1322 Datasheet HTML 115Page - Microchip Technology MEC1322 Datasheet HTML 116Page - Microchip Technology MEC1322 Datasheet HTML 117Page - Microchip Technology MEC1322 Datasheet HTML 118Page - Microchip Technology MEC1322 Datasheet HTML 119Page - Microchip Technology MEC1322 Datasheet HTML 120Page - Microchip Technology MEC1322 Datasheet HTML 121Page - Microchip Technology MEC1322 Datasheet HTML 122Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 456 page
background image
MEC1322
DS00001719D-page 118
 2014 - 2015 Microchip Technology Inc.
9.8.2
EC DATA REGISTER
The 4 1-byte EC Data Byte registers function as a 32-bit register, which creates a 4 byte window into the Memory
REGION being accessed. The 4-byte window is always aligned on a 4-byte boundary. Depending on the read/write con-
figuration of the memory region being accessed, the bytes may be extracted from or loaded into memory as a byte,
word, or a DWord. The ACCESS_TYPE determines the size of the memory access. The address accessed is deter-
mined by the two EC_Address byte registers, which together function as a 15-bit EC Address Register.
• A write to the EC Data Register when the EC Address is in a read-only or a no-access region, as defined by the
Memory Base and Limit registers, will update the EC Data Register but memory will not be modified.
• A read to the EC Data Register when the EC Address is in a no-access region, as defined by the Memory Base
and Limit registers, will not trigger a memory read and will not modify the EC Data Register. In auto-increment
mode (ACCESS_TYPE=11b), reads of Byte 3 of the EC Data Register will still trigger increments of the EC
Address Register when the address is out of bounds, while writes of Byte 3 will not.
9.8.3
ACCESS TYPES
The access type field (ACCESS_TYPE in the EC Address LSB Register) defines the type of host access that occurs
when the EC Data Register is read or written.
11:
Auto-increment 32-bit access. This defines a 32-bit access, as in the 10 case. In addition, any read or write of
Byte 3 in the EC Data Register causes the EC Data Register to be incremented by 1. That is, the EC_Address
field will point to the next 32-bit double word in the 32- bit internal address space.
10:
32-bit access. A read of Byte 0 in the EC Data Register causes the 32 bits in the 32- bit internal address space
at an offset of EC_Address to be loaded into the entire EC Data Register. The read then returns the contents of
Byte 0. A read of Byte 1, Byte 2 or Byte 3 in the EC Data Register returns the contents of the register, without
any update from the 32- bit internal address space.
A write of Byte 3 in the EC Data Register causes the EC Data Register to be written into the 32 bits in the 32- bit
internal address space at an offset of EC_Address. A write of Byte 0, Byte 1 or Byte 2 in the EC Data Register
updates the contents of the register, without any change to the 32- bit internal address space.
01:
16-bit access. A read of Byte 0 in the EC Data Register causes the 16 bits in the 32- bit internal address space
at an offset of EC_Address to be loaded into Byte 0 and Byte 1 of the EC Data Register. The read then returns
the contents of Byte 0. A read of Byte 2 in the EC Data Register causes the 16 bits in the 32- bit internal address
space at an offset of EC_Address+2 to be loaded into Byte 2 and Byte 3 of the EC Data Register. The read then
returns the contents of Byte 2. A read of Byte 1 or Byte 3 in the EC Data Register return the contents of the reg-
ister, without any update from the 32- bit internal address space.
A write of Byte 1 in the EC Data Register causes Bytes 1 and 0 of the EC Data Register to be written into the 16
bits in the 32- bit internal address space at an offset of EC_Address. A write of Byte 3 in the EC Data Register
causes Bytes 3 and 2 of the EC Data Register to be written into the 16 bits in the 32- bit internal address space
at an offset of EC_Address+2. A write of Byte 0 or Byte 2 in the EC Data Register updates the contents of the
register, without any change to the 32- bit internal address space.
00:
8-bit access. Any byte read of Byte 0 through Byte 3 in the EC Data Register causes the corresponding byte
within the 32-bit double word addressed by EC_Address to be loaded into the byte of EC Data Register and
returned by the read. Any byte write to Byte 0 through Byte 3 in the EC Data Register writes the corresponding
byte within the 32-bit double word addressed by EC_Address, as well as the byte of the EC Data Register.
9.8.4
EMBEDDED MEMORY INTERFACE USAGE
The Embedded Memory Interface provides a generic facility for communication between the Host and the EC and can
be used for many functions. Some examples are:
• Virtual registers. A block of memory in the 32-bit internal address space can be used to implement a set of virtual
registers. The Host is given direct read-only access to this address space, referred to as peek mode. The EC may
read or write this memory as needed.
• Program downloading. Because the Instruction Closely Coupled Memory is implemented in the same 32-bit inter-
nal address space, the Embedded Memory Interface can be used by the Host to download new program seg-
ments for the EC in the upper 32KB SRAM. The Read/Write window would be configured by the Host to point to
the beginning of the loadable program region, which could then be loaded by the Host.
• Data exchange. The Read/Write portion of the memory window can be used to contain a communication packet.
The Host, by default, “owns” the packet, and can write it at any time. When the Host wishes to communicate with
the EC, it sends the EC a command, through the Host-to-EC message facility, to read the packet and perform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com