Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 120 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 120 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 116Page - Microchip Technology MEC1322 Datasheet HTML 117Page - Microchip Technology MEC1322 Datasheet HTML 118Page - Microchip Technology MEC1322 Datasheet HTML 119Page - Microchip Technology MEC1322 Datasheet HTML 120Page - Microchip Technology MEC1322 Datasheet HTML 121Page - Microchip Technology MEC1322 Datasheet HTML 122Page - Microchip Technology MEC1322 Datasheet HTML 123Page - Microchip Technology MEC1322 Datasheet HTML 124Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 456 page
background image
MEC1322
DS00001719D-page 120
 2014 - 2015 Microchip Technology Inc.
9.9.1
HOST-TO-EC MAILBOX REGISTER
9.9.2
EC-TO-HOST MAILBOX REGISTER
9.9.3
EC ADDRESS LSB REGISTER
Offset
00h
Bits
Description
Type
Default
Reset
Event
7:0 HOST_EC_MBOX
8-bit mailbox used communicate information from the system host to
the embedded controller. Writing this register generates an event to
notify the embedded controller.
The embedded controller has the option of clearing some or all of the
bits in this register. This is dependent on the protocol layer imple-
mented using the EMI Mailbox. The host must know this protocol to
determine the meaning of the value that will be reported on a read.
This bit field is aliased to the HOST_EC_MBOX bit field in the
HOST-to-EC Mailbox Register
R/W
0h
VCC1_R
ESET
Offset
01h
Bits
Description
Type
Default
Reset
Event
7:0 EC_HOST_MBOX
8-bit mailbox used communicate information from the embedded
controller to the system host. Writing this register generates an event
to notify the system host.
The system host has the option of clearing some or all of the bits in
this register. This is dependent on the protocol layer implemented
using the EMI Mailbox. The embedded controller must know this pro-
tocol to determine the meaning of the value that will be reported on a
read.
This bit field is aliased to the EC_HOST_MBOX bit field in the EC-to-
HOST Mailbox Register
R/WC
0h
VCC1_R
ESET
Offset
02h
Bits
Description
Type
Default
Reset
Event
7:2 EC_ADDRESS_LSB
This field defines bits[7:2] of EC_Address [15:0]. Bits[1:0] of the
EC_Address are always forced to 00b.
The EC_Address is aligned on a DWord boundary. It is the address
of the memory being accessed by EC Data Byte 0 Register, which is
an offset from the programmed base address of the selected
REGION.
R/W
0h
VCC1_R
ESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com