Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 124 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 124 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 120Page - Microchip Technology MEC1322 Datasheet HTML 121Page - Microchip Technology MEC1322 Datasheet HTML 122Page - Microchip Technology MEC1322 Datasheet HTML 123Page - Microchip Technology MEC1322 Datasheet HTML 124Page - Microchip Technology MEC1322 Datasheet HTML 125Page - Microchip Technology MEC1322 Datasheet HTML 126Page - Microchip Technology MEC1322 Datasheet HTML 127Page - Microchip Technology MEC1322 Datasheet HTML 128Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 456 page
background image
MEC1322
DS00001719D-page 124
 2014 - 2015 Microchip Technology Inc.
9.9.13
APPLICATION ID REGISTER
9.10
EC-Only Registers
The registers listed in the EC-Only Register Summary table are for a single instance of the Embedded Memory Interface
(EMI). The addresses of each register listed in this table are defined as a relative offset to the host “Base Address”
defined in the EC-Only Register Base Address Table.
The Base Address indicates where the first register can be accessed in a particular address space for a block instance.
9.10.1
HOST-TO-EC MAILBOX REGISTER
Offset
0Ch
Bits
Description
Type
Default
Reset
Event
7:0 APPLICATION_ID
When this field is 00h it can be written with any value. When set to a
non-zero value, writing that value will clear this register to 00h.
When set to a non-zero value, writing any value other than the cur-
rent contents will have no effect.
R/W
0h
VCC1_R
ESET
Block Instance
Instance
Number
Host
Address Space
Base Address
EMI
0
EC
32-bit internal
address space
400F_0100h
Offset
Register Name (Mnemonic)
00h
HOST-to-EC Mailbox Register
01h
EC-to-HOST Mailbox Register
04h
Memory Base Address 0 Register
08h
Memory Read Limit 0 Register
0Ah
Memory Write Limit 0 Register
0Ch
Memory Base Address 1 Register
10h
Memory Read Limit 1 Register
12h
Memory Write Limit 1 Register
14h
Interrupt Set Register
16h
Host Clear Enable Register
Offset
00h
Bits
Description
Type
Default
Reset
Event
7:0 HOST_EC_MBOX
8-bit mailbox used communicate information from the system host to
the embedded controller. Writing this register generates an event to
notify the embedded controller.
The embedded controller has the option of clearing some or all of
the bits in this register. This is dependent on the protocol layer imple-
mented using the EMI Mailbox. The host must know this protocol to
determine the meaning of the value that will be reported on a read.
This bit field is aliased to the HOST_EC_MBOX bit field in the
HOST-to-EC Mailbox Register.
R/WC
0h
VCC1_R
ESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com