Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 126 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 126 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 122Page - Microchip Technology MEC1322 Datasheet HTML 123Page - Microchip Technology MEC1322 Datasheet HTML 124Page - Microchip Technology MEC1322 Datasheet HTML 125Page - Microchip Technology MEC1322 Datasheet HTML 126Page - Microchip Technology MEC1322 Datasheet HTML 127Page - Microchip Technology MEC1322 Datasheet HTML 128Page - Microchip Technology MEC1322 Datasheet HTML 129Page - Microchip Technology MEC1322 Datasheet HTML 130Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 456 page
background image
MEC1322
DS00001719D-page 126
 2014 - 2015 Microchip Technology Inc.
9.10.5
MEMORY WRITE LIMIT 0 REGISTER
9.10.6
MEMORY BASE ADDRESS 1 REGISTER
9.10.7
MEMORY READ LIMIT 1 REGISTER
Offset
0Ah
Bits
Description
Type
Default
Reset
Event
15 Reserved
R
-
-
14:2 MEMORY_WRITE_LIMIT_0
Whenever a write of any byte in EC DATA Register is attempted and
bit 15 of EC_Address is 0, the field EC_ADDRESS_MSB in the
EC_Address Register is compared to this field. As long as EC_Ad-
dress[14:2] is less than Memory_Write_Limit_0[14:2] the addressed
bytes in the EC DATA Register will be written into the internal 24-bit
address space. If EC_Address[14:2] is greater than or equal to the
Memory_Write_Limit_0[14:2] no writes will take place.
R/W
0h
VCC1_R
ESET
1:0 Reserved
R
-
-
Offset
0Ch
Bits
Description
Type
Default
Reset
Event
31:2 MEMORY_BASE_ADDRESS_1
This memory base address defines the beginning of region 1 in the
Embedded Controller’s 32-bit internal address space. Memory allo-
cated to region 1 is intended to be shared between the Host and the
EC. The region defined by this base register is used when bit 15 of
the EC Address Register is 1. The access will be to a memory loca-
tion at an offset defined by the EC_Address relative to the beginning
of the region defined by this register. Therefore, a read or write to the
memory that is triggered by the EC Data Register will occur at Mem-
ory_Base_Address_1 + EC_Address.
R/W
0h
VCC1_R
ESET
1:0 Reserved
R
-
-
Offset
10h
Bits
Description
Type
Default
Reset
Event
15 Reserved
R
-
-
14:2 MEMORY_READ_LIMIT_1
Whenever a read of any byte in the EC Data Register is attempted,
and bit 15 of EC_ADDRESS is 1, the field EC_ADDRESS in the
EC_Address_Register is compared to this field. As long as EC_AD-
DRESS is less than this value, the EC_Data_Register will be loaded
from the 24-bit internal address space.
R/W
0h
VCC1_R
ESET
1:0 Reserved
R
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com