Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 122 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 122 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 118Page - Microchip Technology MEC1322 Datasheet HTML 119Page - Microchip Technology MEC1322 Datasheet HTML 120Page - Microchip Technology MEC1322 Datasheet HTML 121Page - Microchip Technology MEC1322 Datasheet HTML 122Page - Microchip Technology MEC1322 Datasheet HTML 123Page - Microchip Technology MEC1322 Datasheet HTML 124Page - Microchip Technology MEC1322 Datasheet HTML 125Page - Microchip Technology MEC1322 Datasheet HTML 126Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 456 page
background image
MEC1322
DS00001719D-page 122
 2014 - 2015 Microchip Technology Inc.
9.9.6
EC DATA BYTE 1 REGISTER
9.9.7
EC DATA BYTE 2 REGISTER
9.9.8
EC DATA BYTE 3 REGISTER
9.9.9
INTERRUPT SOURCE LSB REGISTER
Offset
05h
Bits
Description
Type
Default
Reset
Event
7:0 EC_DATA_BYTE_1
This is byte 1 of the 32-bit EC Data Register.
Use of the Data Byte registers to access EC memory is defined in
detail in Section 9.8.2, "EC Data Register".
R/W
0h
VCC1_R
ESET
Offset
06h
Bits
Description
Type
Default
Reset
Event
7:0 EC_DATA_BYTE_2
This is byte 2 of the 32-bit EC Data Register.
Use of the Data Byte registers to access EC memory is defined in
detail in Section 9.8.2, "EC Data Register".
R/W
0h
VCC1_R
ESET
Offset
07h
Bits
Description
Type
Default
Reset
Event
7:0 EC_DATA_BYTE_3
This is byte 3 (Most Significant Byte) of the 32-bit EC Data Register.
Use of the Data Byte registers to access EC memory is defined in
detail in Section 9.8.2, "EC Data Register".
R/W
0h
VCC1_R
ESET
Offset
08h
Bits
Description
Type
Default
Reset
Event
7:1 EC_SWI_LSB
EC Software Interrupt Least Significant Bits. These bits are software
interrupt bits that may be set by the EC to notify the host of an event.
The meaning of these bits is dependent on the firmware implemen-
tation.
Each bit in this field is cleared when written with a ‘1b’. The ability to
clear the bit can be disabled by the EC if the corresponding bit in the
Host Clear Enable Register is set to ‘0b’. This may be used by firm-
ware for events that cannot be cleared while the event is still active.
R/WC
0h
VCC1_R
ESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com