Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 121 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 121 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 117Page - Microchip Technology MEC1322 Datasheet HTML 118Page - Microchip Technology MEC1322 Datasheet HTML 119Page - Microchip Technology MEC1322 Datasheet HTML 120Page - Microchip Technology MEC1322 Datasheet HTML 121Page - Microchip Technology MEC1322 Datasheet HTML 122Page - Microchip Technology MEC1322 Datasheet HTML 123Page - Microchip Technology MEC1322 Datasheet HTML 124Page - Microchip Technology MEC1322 Datasheet HTML 125Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 121
MEC1322
9.9.4
EC ADDRESS MSB REGISTER
9.9.5
EC DATA BYTE 0 REGISTER
1:0 ACCESS_TYPE
This field defines the type of access that occurs when the EC Data
Register is read or written.
11b=Auto-increment 32-bit access.
10b=32-bit access.
01b=16-bit access.
00b=8-bit access.
Each of these access types are defined in detail in Section 9.8.3,
"Access Types".
R/W
0h
VCC1_R
ESET
Offset
03h
Bits
Description
Type
Default
Reset
Event
7REGION
The field specifies which of two segments in the 32-bit internal
address space is to be accessed by the EC_Address[14:2] to gener-
ate accesses to the memory.
1= The address defined by EC_Address[14:2] is relative to the base
address specified by the Memory Base Address 1 Register.
0= The address defined by EC_Address[14:2] is relative to the base
address specified by the Memory Base Address 0 Register.
R/W
0h
VCC1_R
ESET
6:0 EC_ADDRESS_MSB
This field defines bits[14:8] of EC_Address. Bits[1:0] of the EC_Ad-
dress are always forced to 00b.
The EC_Address is aligned on a DWord boundary. It is the address
of the memory being accessed by EC Data Byte 0 Register, which is
an offset from the programmed base address of the selected
REGION.
R/W
0h
VCC1_R
ESET
Offset
04h
Bits
Description
Type
Default
Reset
Event
7:0 EC_DATA_BYTE_0
This is byte 0 (Least Significant Byte) of the 32-bit EC Data Register.
Use of the Data Byte registers to access EC memory is defined in
detail in Section 9.8.2, "EC Data Register".
R/W
0h
VCC1_R
ESET
Offset
02h
Bits
Description
Type
Default
Reset
Event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com