Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 117 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 117 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 113Page - Microchip Technology MEC1322 Datasheet HTML 114Page - Microchip Technology MEC1322 Datasheet HTML 115Page - Microchip Technology MEC1322 Datasheet HTML 116Page - Microchip Technology MEC1322 Datasheet HTML 117Page - Microchip Technology MEC1322 Datasheet HTML 118Page - Microchip Technology MEC1322 Datasheet HTML 119Page - Microchip Technology MEC1322 Datasheet HTML 120Page - Microchip Technology MEC1322 Datasheet HTML 121Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 117
MEC1322
9.8.1
EMBEDDED MEMORY MAP
Each Embedded Memory interface provides direct access for the Host into two windows in the EC 32-bit internal
address space. This mapping is shown in Figure 9-3, "Embedded Memory Addressing":
FIGURE 9-3:
EMBEDDED MEMORY ADDRESSING
The Base addresses, the Read limits and the Write limits are defined by registers that are in the EC address space and
cannot be accessed by the Host. In each region, the Read limit need not be greater than the Write limit. The regions
can be contiguous or overlapping. For example, if the Region 0 Read limit is set to 0 and the Write limit is set to a positive
number, then the Embedded Memory interface defines a region in the EC memory that the EC can read and write but
is write-only for the host. This might be useful for storage of security data, which the Host might wish to send to the EC
but should not be readable in the event a virus invades the Host.
Each window into the EC memory can be as large as 32k bytes in the 32-bit internal address space. See FIGURE 8-1:
Memory Layout on page 113 for host accessible regions.
32-bit internal address
space
0000_0000h
FFFF_FFFFh
Region_0_Base_Address
Region_0_Write_Limit
Region_0_Read_Limit
Host Read/Write
Host Read Only
No Host Access
No Host Access
Region_1_Base_Address
Region_1_Write_Limit
Region_1_Read_Limit
Host Read/Write
Host Read Only
No Host Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com