Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 115 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 115 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 111Page - Microchip Technology MEC1322 Datasheet HTML 112Page - Microchip Technology MEC1322 Datasheet HTML 113Page - Microchip Technology MEC1322 Datasheet HTML 114Page - Microchip Technology MEC1322 Datasheet HTML 115Page - Microchip Technology MEC1322 Datasheet HTML 116Page - Microchip Technology MEC1322 Datasheet HTML 117Page - Microchip Technology MEC1322 Datasheet HTML 118Page - Microchip Technology MEC1322 Datasheet HTML 119Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 115
MEC1322
9.5
Power, Clocks and Reset
This section defines the Power, Clock, and Reset parameters of the block.
9.5.1
POWER DOMAINS
9.5.2
CLOCK INPUTS
This block has no special clocking requirements. Host register accesses are synchronized to the host bus clock and EC
register accesses are synchronized to the EC bus clock, thereby allowing the transactions to complete in one bus clock.
9.5.3
RESETS
9.6
Interrupts
This section defines the Interrupt Sources generated from this block.
9.7
Low Power Modes
The Embedded Memory Interface (EMI) automatically enters low power mode when no transaction target it.
TABLE 9-1:
POWER SOURCES
Name
Description
VCC1
The logic and registers implemented in this block reside on this single
power well.
TABLE 9-2:
RESET SIGNALS
Name
Description
VCC1_RESET
This reset signal resets all the logic and register in this block.
TABLE 9-3:
SYSTEM INTERRUPTS
Source
Description
Host Event
This interrupt source for the SIRQ logic is generated when any of the
EC_SWI bits are asserted and the corresponding EC_SWI_EN bits are
asserted as well.
This event is also asserted if the host writes the EC-to-HOST Mailbox
Register.
EC-to-Host
This interrupt source for the SIRQ logic is generated by the host writing
the EC-to-HOST Mailbox Register.
TABLE 9-4:
EC INTERRUPTS
Source
Description
Host-to-EC
Interrupt source for the Interrupt Aggregator, generated by the host writ-
ing the HOST-to-EC Mailbox Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com