Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 116 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 116 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 112Page - Microchip Technology MEC1322 Datasheet HTML 113Page - Microchip Technology MEC1322 Datasheet HTML 114Page - Microchip Technology MEC1322 Datasheet HTML 115Page - Microchip Technology MEC1322 Datasheet HTML 116Page - Microchip Technology MEC1322 Datasheet HTML 117Page - Microchip Technology MEC1322 Datasheet HTML 118Page - Microchip Technology MEC1322 Datasheet HTML 119Page - Microchip Technology MEC1322 Datasheet HTML 120Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 456 page
background image
MEC1322
DS00001719D-page 116
 2014 - 2015 Microchip Technology Inc.
9.8
Description
The Embedded Memory Interface (EMI) is composed of a mailbox, a direct memory interface, and an Application ID
register.
The mailbox contains two registers, the HOST-to-EC Mailbox Register and the EC-to-HOST Mailbox Register, that act
as a communication portal between the system host and the embedded controller. When the HOST-to-EC Mailbox Reg-
ister is written an interrupt is generated to the embedded controller. Similarly, when the EC-to-HOST Mailbox Register
is written an interrupt is generated to the system host. The source of the system host interrupt may be read in the Inter-
rupt Source Register. These interrupt events may be individually prevented from generating a Host Event via the Inter-
rupt Mask Register.
The direct memory interface, which is composed of a byte addressable 16-bit EC Address Register and a 32-bit EC
Data Register, permits the Host to read or write a portion of the EC’s internal address space. The embedded controller
may enable up to two regions of the EC’s internal address space to be exposed to the system host. The system host
may access these memory locations without intervention or assistance from the EC.
The Embedded Memory Interface can be configured so that data transfers between the Embedded Memory Interface
data bytes and the 32- bit internal address space may be multiple bytes, while Host I/O is always executed a byte at a
time.
When the Host reads one of the four bytes in the Embedded Memory Interface data register, data from the internal 32-
bit address space, at the address defined by the Embedded Memory Interface address register, is returned to the Host.
This read access will load 1, 2, or 4 bytes into the Data register depending on the configuration of the ACCESS_TYPE
bits. Similarly, writing one of the four bytes in the data register will write the corresponding byte(s) from the data register
into the internal 32-bit address space as indicated by the ACCESS_TYPE bits. This configuration option is done to
ensure that data the EC treats as 16-bit or 32-bit will be consistent in the Host, even though one byte of the data may
change between two or more 8-bit accesses by the Host.
In addition, there is an auto-increment function for the Embedded Memory Interface address register. When enabled,
the Host can read or write blocks of memory in the 32- bit internal address space by repeatedly accessing the Embedded
Memory Interface data register, without requiring Host updates to the Embedded Memory Interface address register.
Finally, the Application ID Register may be used by the host to provide an arbitration mechanism if more than one soft-
ware thread requires access through the EMI interface. See Section 9.8.4, "Embedded Memory Interface Usage," on
page 118 for more details.
FIGURE 9-2:
EMBEDDED MEMORY INTERFACE BLOCK DIAGRAM
Host-to-EC
EC-to-Host
Memory Region 0 &
Memory Region 1
HOST
EC
Host-to-EC Event
EC-to-Host Event
Host Interrupt Source
Embedded Memory
Address
Embedded Memory Data
Addr
Addr
Data
Data
EMI
Host Event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com