Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 129 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 129 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 125Page - Microchip Technology MEC1322 Datasheet HTML 126Page - Microchip Technology MEC1322 Datasheet HTML 127Page - Microchip Technology MEC1322 Datasheet HTML 128Page - Microchip Technology MEC1322 Datasheet HTML 129Page - Microchip Technology MEC1322 Datasheet HTML 130Page - Microchip Technology MEC1322 Datasheet HTML 131Page - Microchip Technology MEC1322 Datasheet HTML 132Page - Microchip Technology MEC1322 Datasheet HTML 133Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 129
MEC1322
10.4
Interface
This block is designed to be accessed externally and internally via a register interface.
10.5
Signal Description
There are no external signals.
10.6
Host Interface
The registers defined for the ACPI Embedded Controller Interface (ACPI-ECI) are accessible by the System Host and
the Embedded Controller as indicated in Section 10.12, "Runtime Registers" and Section 10.13, "EC-Only Registers".
10.7
Power, Clocks and Reset
This section defines the Power, Clock, and Reset parameters of the block.
10.7.1
POWER DOMAINS
10.7.2
CLOCK INPUTS
This block only requires the Host interface clocks to synchronize registers access.
10.7.3
RESETS
FIGURE 10-1:
I/O DIAGRAM OF BLOCK
TABLE 10-2:
POWER SOURCES
Name
Description
VCC1
The logic and registers implemented in this block reside on this single
power well.
TABLE 10-3:
RESET SIGNALS
Name
Description
VCC1_RESET
VCC1_RESET resets all the logic and registers in ACPI Embedded
Controller Interface (ACPI-ECI).
ACPI Embedded Controller
Interface (ACPI-ECI)
Interrupts
Power, Clocks and Reset
Host Interface
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com