Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 133 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 133 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 129Page - Microchip Technology MEC1322 Datasheet HTML 130Page - Microchip Technology MEC1322 Datasheet HTML 131Page - Microchip Technology MEC1322 Datasheet HTML 132Page - Microchip Technology MEC1322 Datasheet HTML 133Page - Microchip Technology MEC1322 Datasheet HTML 134Page - Microchip Technology MEC1322 Datasheet HTML 135Page - Microchip Technology MEC1322 Datasheet HTML 136Page - Microchip Technology MEC1322 Datasheet HTML 137Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 133
MEC1322
10.11 Register Aliasing between Runtime and EC-Only Registers
Table 10-6, "Runtime Register Aliasing into EC-Only Registers" indicates the aliasing from Runtime registers to EC-Only
registers. The “Host/EC Access” column distinguishes the aliasing based on access type. See individual register
descriptions for more details.
Table 10-7, "EC-Only Registers Summary" indicates the aliasing from EC-Only to Runtime registers. The “Host/EC
Access” column distinguishes the aliasing based on access type. See individual register descriptions for more details.
TABLE 10-6:
RUNTIME REGISTER ALIASING INTO EC-ONLY REGISTERS
Host
Offset
Runtime Register
Register Name (Mnemonic)
Host
Access
EC
Offset
Aliased EC-Only Register
Register Name (Mnemonic)
EC
Access
00h
ACPI OS Data Register Byte 0
Register
W
108h
OS2EC Data EC Byte 0 Register
R
00h
ACPI OS Data Register Byte 0
Register
R
100h
EC2OS Data EC Byte 0 Register
W
01h
ACPI OS Data Register Byte 1
Register
W
109h
OS2EC Data EC Byte 1 Register
R
01h
ACPI OS Data Register Byte 1
Register
R
101h
EC2OS Data EC Byte 1 Register
W
02h
ACPI OS Data Register Byte 2
Register
W10Ah
OS2EC Data EC Byte 2 Register
R
02h
ACPI OS Data Register Byte 2
Register
R
102h
EC2OS Data EC Byte 2 Register
W
03h
ACPI OS Data Register Byte 3
Register
W10Bh
OS2EC Data EC Byte 3 Register
R
03h
ACPI OS Data Register Byte 3
Register
R
103h
EC2OS Data EC Byte 3 Register
W
04h
ACPI OS COMMAND Register
W
108h
OS2EC Data EC Byte 0 Register
R
04h
OS STATUS OS Register
R
104h
EC STATUS Register
W
05h
OS Byte Control Register
R
105h
EC Byte Control Register
R/W
06h
Reserved
106h
Reserved
07h
Reserved
107h
Reserved
TABLE 10-7:
EC-ONLY REGISTERS SUMMARY
EC
Offset
EC-Only Registers
Register Name (Mnemonic)
EC
Access
Host
Offset
Aliased Runtime Register
Register Name (Mnemonic)
Host
Access
108h
OS2EC Data EC Byte 0 Register
R00h
ACPI OS Data Register Byte 0
Register
W
108h
OS2EC Data EC Byte 0 Register
R04h
ACPI OS COMMAND Register
W
109h
OS2EC Data EC Byte 1 Register
R01h
ACPI OS Data Register Byte 1
Register
W
10Ah
OS2EC Data EC Byte 2 Register
R02h
ACPI OS Data Register Byte 2
Register
W
10Bh
OS2EC Data EC Byte 3 Register
R03h
ACPI OS Data Register Byte 3
Register
W
104h
EC STATUS Register
W04h
OS STATUS OS Register
W
105h
EC Byte Control Register
R/W
05h
OS Byte Control Register
R
106h
Reserved
R
Reserved
R
107h
Reserved
R
Reserved
R
100h
EC2OS Data EC Byte 0 Register
W00h
ACPI OS Data Register Byte 0
Register
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com