Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 136 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 136 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 132Page - Microchip Technology MEC1322 Datasheet HTML 133Page - Microchip Technology MEC1322 Datasheet HTML 134Page - Microchip Technology MEC1322 Datasheet HTML 135Page - Microchip Technology MEC1322 Datasheet HTML 136Page - Microchip Technology MEC1322 Datasheet HTML 137Page - Microchip Technology MEC1322 Datasheet HTML 138Page - Microchip Technology MEC1322 Datasheet HTML 139Page - Microchip Technology MEC1322 Datasheet HTML 140Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 456 page
background image
MEC1322
DS00001719D-page 136
 2014 - 2015 Microchip Technology Inc.
10.12.5
ACPI OS COMMAND REGISTER
10.12.6
OS STATUS OS REGISTER
This read-only register is aliased to the EC STATUS Register on page 143. the EC STATUS Register on page 143 has
read write access.
Offset
04h
Bits
Description
Type
Default
Reset
Event
7:0 ACPI_OSS_COMMAND
Writes to the this register are aliased in the OS2EC Data EC Byte 0
Register.
Writes to the this register also set the CMD and IBF bits in the OS
STATUS OS Register
W0h
VCC1_R
ESET
Offset
04h
Bits
Description
Type
Default
Reset
Event
7UD0B
User Defined
R0b
VCC1_R
ESET
6 SMI_EVT
This bit is set when an SMI event is pending; i.e., the ACPI_EC is
requesting an SMI query; This bit is cleared when no SMI events
are pending.
This bit is an ACPI_EC-maintained software flag that is set when
the ACPI_EC has detected an internal event that requires system
management interrupt handler attention. The ACPI_EC sets this bit
before generating an SMI.
Note:
The usage model from the ACPI specification requires
both SMI’s and SCI’s. The ACPI_OS SMI & SCI inter-
rupts are not implemented in the ACPI Embedded Con-
troller Interface (ACPI-ECI). The SMI_EVT and
SCI_EVT bits in the OS STATUS OS Register are soft-
ware flags and this block do not initiate SMI or SCI
events.
R0b
VCC1_R
ESET
5 SCI_EVT
This bit is set by software when an SCI event is pending; i.e., the
ACPI_EC is requesting an SCI query; SCI Event flag is clear when
no SCI events are pending.
This bit is an ACPI_EC-maintained software flag that is set when
the embedded controller has detected an internal event that
requires operating system attention. The ACPI_EC sets this bit
before generating an SCI to the OS.
Note:
The usage model from the ACPI specification requires
both SMI’s and SCI’s. The ACPI_OS SMI & SCI inter-
rupts are not implemented in the ACPI Embedded Con-
troller Interface (ACPI-ECI). The SMI_EVT and
SCI_EVT bits in the OS STATUS OS Register are soft-
ware flags and this block do not initiate SMI or SCI
events.
R0b
VCC1_R
ESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com