Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 140 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 140 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 136Page - Microchip Technology MEC1322 Datasheet HTML 137Page - Microchip Technology MEC1322 Datasheet HTML 138Page - Microchip Technology MEC1322 Datasheet HTML 139Page - Microchip Technology MEC1322 Datasheet HTML 140Page - Microchip Technology MEC1322 Datasheet HTML 141Page - Microchip Technology MEC1322 Datasheet HTML 142Page - Microchip Technology MEC1322 Datasheet HTML 143Page - Microchip Technology MEC1322 Datasheet HTML 144Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 456 page
background image
MEC1322
DS00001719D-page 140
 2014 - 2015 Microchip Technology Inc.
10.12.7
OS BYTE CONTROL REGISTER
This register is aliased to the EC Byte Control Register on page 144. No behavioral differences occur due to address
aliasing.
10.13 EC-Only Registers
The registers listed in the EC-Only Register Summary table are for two instances of the
ACPI Embedded Controller
Interface (ACPI-ECI). The addresses of each register listed in this table are defined as a relative offset to the host
“Base Address” defined in the EC-Only Register Base Address Table.
The Base Address indicates where the first register can be accessed in a particular address space for a block instance.
Offset
05
Bits
Description
Type
Default
Reset
Event
7:1 Reserved
R
-
-
0 FOUR_BYTE_ACCESS
When this bit is set to ‘1’, the ACPI Embedded Controller Interface
(ACPI-ECI) accesses four bytes through the ACPI-OS DATA
BYTES[3:0].
When this bit is cleared to ‘0’, the ACPI Embedded Controller Inter-
face (ACPI-ECI) accesses one byte through the ACPI OS Data Reg-
ister Byte 0 Register. The corresponds to Legacy Mode described in
Section 10.10, "Description," on page 130.
Note 1:
This bit effects the behavior of the IBF & OBF bits in the
OS STATUS OS Register.
2:
See ACPI-OS DATA BYTES[3:0] on page 135, OS2EC
DATA BYTES[3:0] on page 141, and EC2OS DATA
BYTES[3:0] on page 142 for detailed description of
access rules.
R0b
VCC1_R
ESET
Note:
The ACPI_OS access Base Address Register (BAR) should be configured to match the access width
selected by the Four Byte Access bit in the OS Byte Control Register. This BAR in not described in this
chapter.
TABLE 10-10: EC-ONLY REGISTER BASE ADDRESS TABLE
Block Instance
Instance
Number
Host
Address Space
Base Address
ACPI-EC
0
EC
32-bit internal
address space
400F_0C00h
ACPI-EC
1
EC
32-bit internal
address space
400F_1000h
TABLE 10-11: EC-ONLY REGISTER SUMMARY
Offset
Register Name (Mnemonic)
100h
EC2OS Data EC Byte 0 Register
101h
EC2OS Data EC Byte 1 Register
102h
EC2OS Data EC Byte 2 Register
103h
EC2OS Data EC Byte 3 Register
104h
EC STATUS Register
105h
EC Byte Control Register
106h
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com