Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 144 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 144 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 140Page - Microchip Technology MEC1322 Datasheet HTML 141Page - Microchip Technology MEC1322 Datasheet HTML 142Page - Microchip Technology MEC1322 Datasheet HTML 143Page - Microchip Technology MEC1322 Datasheet HTML 144Page - Microchip Technology MEC1322 Datasheet HTML 145Page - Microchip Technology MEC1322 Datasheet HTML 146Page - Microchip Technology MEC1322 Datasheet HTML 147Page - Microchip Technology MEC1322 Datasheet HTML 148Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 456 page
background image
MEC1322
DS00001719D-page 144
 2014 - 2015 Microchip Technology Inc.
10.13.10 EC BYTE CONTROL REGISTER
This register is aliased to the OS Byte Control Register on page 140. The OS Byte Control Register is a read only version
of this register.
3CMD
See CMD bit in OS STATUS OS Register on page 136 for bit
description.
R0b
VCC1_R
ESET
2 UD1A
User Defined
R/W
0b
VCC1_R
ESET
1IBF
See IBF bit in OS STATUS OS Register on page 136 for bit descrip-
tion.
R0h
VCC1_R
ESET
0OBF
See OBF bit in OS STATUS OS Register on page 136 for bit descrip-
tion.
R0h
VCC1_R
ESET
Note:
The IBF and OBF bits are not de-asserted by hardware when the host is powered off, or the LPC interface
powers down; for example, following system state changes S3->S0, S5->S0, G3-> S0. For further informa-
tion on how these bits are cleared, refer to IBF and OBF bit descriptions in the STATUS OS-Register defi-
nition.
Offset
105h
Bits
Description
Type
Default
Reset
Event
7:1 Reserved
R
-
-
0 FOUR_BYTE_ACCESS
See FOUR_BYTE_ACCESS bit in OS Byte Control Register on
page 140 for bit description.
R/W
0b
VCC1_R
ESET
Offset
104h
Bits
Description
Type
Default
Reset
Event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com