Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 148 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 148 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 144Page - Microchip Technology MEC1322 Datasheet HTML 145Page - Microchip Technology MEC1322 Datasheet HTML 146Page - Microchip Technology MEC1322 Datasheet HTML 147Page - Microchip Technology MEC1322 Datasheet HTML 148Page - Microchip Technology MEC1322 Datasheet HTML 149Page - Microchip Technology MEC1322 Datasheet HTML 150Page - Microchip Technology MEC1322 Datasheet HTML 151Page - Microchip Technology MEC1322 Datasheet HTML 152Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 456 page
background image
MEC1322
DS00001719D-page 148
 2014 - 2015 Microchip Technology Inc.
11.10.2
AUXOBF DESCRIPTION
If enabled by the bit OBFEN, the bit AUXOBF is multiplexed onto MIRQ. The AUXOBF/MIRQ signal is a system interrupt
which signifies that the EC has written to the EC_HOST Data / AUX Data Register. On power-up, after VCC1_RESET,
AUXOBF is reset to 0. AUXOBF will normally reflects the status of writes to EC EC AUX Data Register (EC-Only offset
Ch). AUXOBF is cleared by hardware on a read of the Host Data Register. If OBFEN=0, then MIRQ is driven inactive
(low).
MIRQ is normally selected as IRQ12 for mouse support.
Firmware can also directly control the AUXOBF output signal, similar to the mechanism it can use to control PCOBF.
Firmware control is active when AUXH is ‘0’. Firmware sets AUXOBF high by writing a “1” to the AUXOBF field of the
EC Keyboard Status Register. Firmware must also clear AUXOBF by writing a “0” to the AUXOBF field.
11.11 Legacy Port92/GATEA20 Support
The MEC1322 supports LPC I/O writes to port HOST I/O address 92h as a quick alternate mechanism for generating a
CPU_RESET pulse or controlling the state of GATEA20. The Port92/GateA20 logic has a separate Logical Device Num-
ber and Base Address register (see Section 11.16, "Legacy Port92/GATEA20 Configuration Registers" and Section
11.17, "Legacy Port92/GATEA20 Runtime Registers". The Base Address Register for the Port92/GateA20 Logical
Device has only one writable bit, the Valid Bit, since the only I/O accessible Register has a fixed address.
The Port 92 Register resides at HOST I/O address 92h and is used to support the alternate reset (ALT_RST#) and alter-
nate GATEA20 (ALT_A20) functions. This register defaults to 00h on assertion of nSIO_RESET.
Setting the Port92 Enable bit (Port 92 Enable Register) enables the Port92h Register. When Port92 is disabled, by clear-
ing the Port92 Enable bit, then access to this register is completely disabled (I/O writes to host 92h are ignored and I/O
reads float the system data bus SD[7:0]).
11.11.1
GATE A20 SPEEDUP
The MEC1322 contains on-chip logic support for the GATEA20 hardware speed-up feature. GATEA20 is part of the con-
trol required to mask address line A20 to emulate 8086 addressing.
In addition to the ability for the host to control the GATEA20 output signal directly, a configuration bit called SAEN in the
Keyboard Control Register is provided; when set, SAEN allows firmware to control the GATEA20 output. When SAEN
is set, a 1 bit register (GATEA20 Control Register) controls the GATEA20 output.
Host control and firmware control of GATEA20 affect two separate register elements. Read back of GATEA20 through
the use of EC OFFSET 100h reflects the present state of the GATEA20 output signal: if SAEN is set, the value read
back corresponds to the last firmware-initiated control of GATEA20; if SAEN is reset, the value read back corresponds
to the last host-initiated control of GATEA20.
Host control of the GATEA20 output is provided by the hardware interpretation of the “GATEA20 sequence” (see
Table 11-9, "GATEA20 Command/Data Sequence Examples"). The foregoing description assumes that the SAEN con-
figuration bit is reset.
TABLE 11-7:
OBFEN AND PCOBFEN EFFECTS ON KIRQ
OBFEN
PCOBFEN
0
X
KIRQ is inactive and driven low
1
0
KIRQ = PCOBF (status of writes to HOST2EC Data Register)
1
1
KIRQ = PCOBF (status of writes to PCOBF Register)
TABLE 11-8:
OBFEN AND AUXH EFFECTS ON MIRQ
OBFEN
AUXH
0
X
MIRQ is inactive and driven low
1
0
MIRQ = AUXOBF (status of writes to EC AUX Data Register)
1
1
MIRQ = AUXOBF (status of writes to AUXOBF in EC Keyboard Status Register)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com