Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 151 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 151 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 147Page - Microchip Technology MEC1322 Datasheet HTML 148Page - Microchip Technology MEC1322 Datasheet HTML 149Page - Microchip Technology MEC1322 Datasheet HTML 150Page - Microchip Technology MEC1322 Datasheet HTML 151Page - Microchip Technology MEC1322 Datasheet HTML 152Page - Microchip Technology MEC1322 Datasheet HTML 153Page - Microchip Technology MEC1322 Datasheet HTML 154Page - Microchip Technology MEC1322 Datasheet HTML 155Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 151
MEC1322
11.11.2
CPU_RESET HARDWARE SPEED-UP
The ALT_CPU_RESET bit generates, under program control, the ALT_RST# signal, which provides an alternate, means
to drive the MEC1322 CPU_RESET pin which in turn is used to reset the Host CPU. The ALT_RST# signal is internally
NANDed together with the KBDRESET# pulse from the KRESET Speed up logic to provide an alternate software means
of resetting the host CPU.
Before another ALT_RST# pulse can be generated, ALT_CPU_RESET must be cleared to ‘0’ either by an nSIO_RESET
or by a write to the Port 92 Register with bit 0 = ‘0’. An ALT_RST# pulse is not generated in the event that the
ALT_CPU_RESET bit is cleared and set before the prior ALT_RESET# pulse has completed.
If the 8042EM Sleep Enable is asserted, or the 8042 EM ACTIVATE bit is de-asserted, the 1MHz clocks source is dis-
abled.
FIGURE 11-4:
GATEA20 IMPLEMENTATION DIAGRAM
Q
Q
SET
CLR
D
Q
Q
SET
CLR
D
Q
Q
SET
CLR
D
Q
Q
SET
CLR
D
SAEN
64&AEN#
Data
AEN#&60
Address
Q
Q
SET
CLR
D
Q
Q
SET
CLR
D
SETGA20L Reg (Any WR)
RSTGA20L Reg (Any WR)
24MHz
IOW#
AEN#&64
GATEA20 Reg WR (D0)
GATEA20 Reg RD (D0)
CPU RESET
SD[7:0] = FE
SD[7:0] = FF
SD[7:0] = D1
IOW#
nIOW
nIOW
nIOW
IOW#
AEN#&60
KRESET Gen
IBF
ENAB P92
Port 92 Reg (D1)
GATEA20
VCC
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com