Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 153 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 153 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 149Page - Microchip Technology MEC1322 Datasheet HTML 150Page - Microchip Technology MEC1322 Datasheet HTML 151Page - Microchip Technology MEC1322 Datasheet HTML 152Page - Microchip Technology MEC1322 Datasheet HTML 153Page - Microchip Technology MEC1322 Datasheet HTML 154Page - Microchip Technology MEC1322 Datasheet HTML 155Page - Microchip Technology MEC1322 Datasheet HTML 156Page - Microchip Technology MEC1322 Datasheet HTML 157Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 153
MEC1322
11.13.1
ACTIVATE REGISTER
11.14 Runtime Registers
The registers listed in the Runtime Register Summary table are for a single instance of the Emulated 8042 Interface.
The addresses of each register listed in this table are defined as a relative offset to the host “Base Address” defined in
the Runtime Register Base Address Table.
The Base Address indicates where the first register can be accessed in a particular address space for a block instance.
11.14.1
HOST_EC DATA / CMD REGISTER
Offset
30h
Bits
Description
Type
Default
Reset
Event
7:1 Reserved
R
-
-
0ACTIVATE
1=The 8042 Interface is powered and functional.
0=The 8042 Interface is powered down and inactive.
R/W
0b
PWRGD
and
VCC1_R
ESET
Block Instance
Instance Number
Host
Address Space
Base Address
Emulated 8042
Interface
0
LPC
I/O
Programmed BAR
EC
32-bit address
space
400F_0400h
TABLE 11-12: RUNTIME REGISTER SUMMARY
Offset
Register Name (Mnemonic)
00h/04h
HOST_EC Data / CMD Register
00h
EC_HOST Data / AUX Data Register
04h
Keyboard Status Read Register
Offset
00h
Bits
Description
Type
Default
Reset
Event
7:0 WRITE_DATA
This 8-bit register is write-only. When written, the C/D bit in the Key-
board Status Read Register is cleared to ‘0’, signifying data, and the
IBF in the same register is set to ‘1’.
When the Runtime Register at offset 0h is read by the Host, it func-
tions as the EC_HOST Data / AUX Data Register.
W0h
VCC1_R
ESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com