Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 154 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 154 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 150Page - Microchip Technology MEC1322 Datasheet HTML 151Page - Microchip Technology MEC1322 Datasheet HTML 152Page - Microchip Technology MEC1322 Datasheet HTML 153Page - Microchip Technology MEC1322 Datasheet HTML 154Page - Microchip Technology MEC1322 Datasheet HTML 155Page - Microchip Technology MEC1322 Datasheet HTML 156Page - Microchip Technology MEC1322 Datasheet HTML 157Page - Microchip Technology MEC1322 Datasheet HTML 158Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 456 page
background image
MEC1322
DS00001719D-page 154
 2014 - 2015 Microchip Technology Inc.
11.14.2
EC_HOST DATA / AUX DATA REGISTER
11.14.3
KEYBOARD STATUS READ REGISTER
This register is a read-only alias of the EC Keyboard Status Register.
Offset
04h
Bits
Description
Type
Default
Reset
Event
7:0 WRITE_CMD
This 8-bit register is write-only and is an alias of the register at offset
0h. When written, the C/D bit in the Keyboard Status Read Register
is set to ‘1’, signifying a command, and the IBF in the same register
is set to ‘1’.
When the Runtime Register at offset 4h is read by the Host, it func-
tions as the Keyboard Status Read Register.
W0h
VCC1_R
ESET
Offset
00h
Bits
Description
Type
Default
Reset
Event
7:0 READ_DATA
This 8-bit register is read-only. When read by the Host, the PCOBF
and/or AUXOBF interrupts are cleared and the OBF flag in the status
register is cleared.
R0h
VCC1_R
ESET
Offset
04h
Bits
Description
Type
Default
Reset
Event
7:6 UD2
User-defined data. Readable and writable by the EC when written
by the EC at its EC-only alias.
R0h
VCC1_R
ESET
5AUXOBF
Auxiliary Output Buffer Full. This bit is set to “1” whenever the EC
writes the EC AUX Data Register. This flag is reset to “0” whenever
the EC writes the EC Data Register.
R0h
VCC1_R
ESET
4 UD1
User-defined data. Readable and writable by the EC when written
by the EC at its EC-only alias.
R0h
VCC1_R
ESET
3C/D
Command Data. This bit specifies whether the input data register
contains data or a command (“0” = data, “1” = command). During a
Host command write operation (when the Host writes the
HOST_EC Data / CMD Register at offset 04h), this bit is set to “1”.
During a Host data write operation (when the Host writes the
HOST_EC Data / CMD Register at offset 0h), this bit is set to “0”.
R0h
VCC1_R
ESET
2 UD0
User-defined data. Readable and writable by the EC when written
by the EC at its EC-only alias.
Note:
This bit is reset to ‘0’ when the LRESET# pin signal is
asserted.
R0h
VCC1_R
ESET and
PCI
RESET#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com