Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 155 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 155 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 151Page - Microchip Technology MEC1322 Datasheet HTML 152Page - Microchip Technology MEC1322 Datasheet HTML 153Page - Microchip Technology MEC1322 Datasheet HTML 154Page - Microchip Technology MEC1322 Datasheet HTML 155Page - Microchip Technology MEC1322 Datasheet HTML 156Page - Microchip Technology MEC1322 Datasheet HTML 157Page - Microchip Technology MEC1322 Datasheet HTML 158Page - Microchip Technology MEC1322 Datasheet HTML 159Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 155
MEC1322
11.15 Emulated 8042 Interface EC-Only Registers
The registers listed in the EC-Only Register Summary table are for a single instance of the Emulated 8042 Interface.
The addresses of each register listed in this table are defined as a relative offset to the host “Base Address” defined in
the EC-Only Register Base Address Table.
The Base Address indicates where the first register can be accessed in a particular address space for a block instance.
1IBF
Input Buffer Full. This bit is set to “1” whenever the Host writes data
or a command into the HOST_EC Data / CMD Registerr. When this
bit is set, the EC's 8042EM_IBF interrupt is asserted, if enabled.
When the EC reads the HOST_EC Data/CMD Register, this bit is
automatically reset and the interrupt is cleared.
Note:
This bit is not reset when PWRGD is asserted or when
the LPC interface powers down. To clear this bit, firm-
ware must read the EC Data Register in the EC-Only
address space.
R0h
VCC1_R
ESET
0OBF
Output Buffer Full. This bit is set when the EC writes a byte of Data
or AUX Data into the EC_HOST Data / AUX Data Register. When
the Host reads the HOST_EC Data / CMD Register, this bit is auto-
matically cleared by hardware and a 8042EM_OBF interrupt is gen-
erated.
Note:
This bit is not reset when PWRGD is asserted or when
the LPC interface powers down. To clear this bit, firm-
ware must read the HOST_EC Data / CMD Register in
the Runtime address space.
R0h
VCC1_R
ESET
TABLE 11-13: EC-ONLY REGISTER BASE ADDRESS TABLE
Block Instance
Instance Number
Host
Address Space
Base Address
Emulated 8042
Interface
0
EC
32-bit address
space
400F_0410h
TABLE 11-14: EC-ONLY REGISTER SUMMARY
Offset
Register Name (Mnemonic)
0h
HOST2EC Data Register
0h
EC Data Register
4h
EC Keyboard Status Register
8h
Keyboard Control Register
Ch
EC AUX Data Register
14h
PCOBF Register
Offset
04h
Bits
Description
Type
Default
Reset
Event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com