Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 158 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 158 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 154Page - Microchip Technology MEC1322 Datasheet HTML 155Page - Microchip Technology MEC1322 Datasheet HTML 156Page - Microchip Technology MEC1322 Datasheet HTML 157Page - Microchip Technology MEC1322 Datasheet HTML 158Page - Microchip Technology MEC1322 Datasheet HTML 159Page - Microchip Technology MEC1322 Datasheet HTML 160Page - Microchip Technology MEC1322 Datasheet HTML 161Page - Microchip Technology MEC1322 Datasheet HTML 162Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 456 page
background image
MEC1322
DS00001719D-page 158
 2014 - 2015 Microchip Technology Inc.
11.15.5
EC AUX DATA REGISTER
11.15.6
PCOBF REGISTER
1 SAEN
Software-assist enable.
1=This bit allows control of the GATEA20 signal via firmware
0=GATEA20 corresponds to either the last Host-initiated control of
GATEA20 or the firmware write to the Keyboard Control Register
or the EC AUX Data Register.
R/W
0h
VCC1_R
ESET
0 UD3
User-defined data. Readable and writable by the EC when written by
the EC at its EC-only alias.
R/W
0h
VCC1_R
ESET
Offset
0Ch
Bits
Description
Type
Default
Reset
Event
7:0 EC_AUX_DATA
This 8-bit register is write-only. When written, the C/D in the Key-
board Status Read Register is cleared to ‘0’, signifying data, and the
IBF in the same register is set to ‘1’.
When the Runtime Register at offset 0h is read by the Host, it func-
tions as the EC_HOST Data / AUX Data Register.
W0h
VCC1_R
ESET
Offset
14h
Bits
Description
Type
Default
Reset
Event
7:1 Reserved
R
-
-
0PCOBF
For a description of this bit, see Section 11.10.1, "PCOBF Descrip-
tion".
R/W
0h
VCC1_R
ESET
Offset
08h
Bits
Description
Type
Default
Reset
Event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com