Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 157 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 157 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 153Page - Microchip Technology MEC1322 Datasheet HTML 154Page - Microchip Technology MEC1322 Datasheet HTML 155Page - Microchip Technology MEC1322 Datasheet HTML 156Page - Microchip Technology MEC1322 Datasheet HTML 157Page - Microchip Technology MEC1322 Datasheet HTML 158Page - Microchip Technology MEC1322 Datasheet HTML 159Page - Microchip Technology MEC1322 Datasheet HTML 160Page - Microchip Technology MEC1322 Datasheet HTML 161Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 157
MEC1322
11.15.4
KEYBOARD CONTROL REGISTER
1IBF
Input Buffer Full. This bit is set to “1” whenever the Host writes data
or a command into the HOST_EC Data / CMD Registerr. When this
bit is set, the EC's 8042EM_IBF interrupt is asserted, if enabled.
When the EC reads the Data/CMD Register, this bit is automatically
reset and the interrupt is cleared.
This bit is not reset when PWRGD is asserted or when the LPC
interface powers down. To clear this bit, firmware must read the EC
Data Register in the EC-Only address space.
R0h
VCC1_R
ESET
0OBF
Output Buffer Full. This bit is set when the EC writes a byte of Data
or AUX Data into the EC_HOST Data / AUX Data Register. When
the Host reads the HOST_EC Data / CMD Register, this bit is auto-
matically cleared by hardware and a 8042EM_OBF interrupt is gen-
erated.
This bit is not reset when PWRGD is asserted or when the LPC
interface powers down. To clear this bit, firmware must read the
Data/CMD Register in the Runtime address space.
R0h
VCC1_R
ESET
Offset
08h
Bits
Description
Type
Default
Reset
Event
7AUXH
AUX in Hardware.
1=AUXOBF of the Keyboard Status Read Register is set in hardware
by a write to the EC AUX Data Register
0=AUXOBF is not modified in hardware, but can be read and written
by the EC using the EC-Only alias of the EC Keyboard Status
Register
R/W
0h
VCC1_R
ESET
6 UD5
User-defined data. Readable and writable by the EC when written by
the EC at its EC-only alias.
R/W
0h
VCC1_R
ESET
5 OBFEN
When this bit is ‘1’, the system interrupt signal KIRQ is driven by the
bit PCOBF and MIRQ is driven by AUXOBF. When this bit is ‘0’, KIRQ
and MIRQ are driven low.
This bit must not be changed when OBF of the status register is equal
to ‘1’.
R/W
0h
VCC1_R
ESET
4:3 UD4
User-defined data. Readable and writable by the EC when written by
the EC at its EC-only alias.
R/W
0h
VCC1_R
ESET
2 PCOBFEN
1= reflects the value written to the PCOBF Register
0=PCOBF reflects the status of writes to the EC Data Register
R/W
0h
VCC1_R
ESET
Offset
04h
Bits
Description
Type
Default
Reset
Event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com