Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 156 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 156 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 152Page - Microchip Technology MEC1322 Datasheet HTML 153Page - Microchip Technology MEC1322 Datasheet HTML 154Page - Microchip Technology MEC1322 Datasheet HTML 155Page - Microchip Technology MEC1322 Datasheet HTML 156Page - Microchip Technology MEC1322 Datasheet HTML 157Page - Microchip Technology MEC1322 Datasheet HTML 158Page - Microchip Technology MEC1322 Datasheet HTML 159Page - Microchip Technology MEC1322 Datasheet HTML 160Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 456 page
background image
MEC1322
DS00001719D-page 156
 2014 - 2015 Microchip Technology Inc.
11.15.1
HOST2EC DATA REGISTER
11.15.2
EC DATA REGISTER
11.15.3
EC KEYBOARD STATUS REGISTER
This register is an alias of the Keyboard Status Read Register. The fields C/D, IBF, and OBF remain read-only.
Offset
0h
Bits
Description
Type
Default
Reset
Event
7:0 HOST2EC_DATA
This register is an alias of the HOST_EC Data / CMD Register.
When read at the EC-Only offset of 0h, it returns the data written by
the Host to either Runtime Register offset 0h or Runtime Register
offset 04h.
R0h
VCC1_R
ESET
Offset
0h
Bits
Description
Type
Default
Reset
Event
7:0 EC_DATA
W
0h
VCC1_R
ESET
Offset
04h
Bits
Description
Type
Default
Reset
Event
7:6 UD2
User-defined data. Readable and writable by the EC.
R/W
0h
VCC1_R
ESET
5AUXOBF
Auxiliary Output Buffer Full. This bit is set to ‘1’ whenever the EC
writes the EC AUX Data Register. This flag is reset to ‘0’ whenever
the EC writes the EC Data Register.
R/W
0h
VCC1_R
ESET
4 UD1
User-defined data. Readable and writable by the EC when written
by the EC at its EC-only alias.
R/W
0h
VCC1_R
ESET
3C/D
Command Data. This bit specifies whether the input data register
contains data or a command. During a Host command write opera-
tion (when the Host writes the HOST_EC Data / CMD Register at
offset 04h), this bit is set to ‘1’. During a Host data write operation
(when the Host writes the HOST_EC Data / CMD Register at offset
0h), this bit is set to ‘0’.
1=Command
0=Data
R0h
VCC1_R
ESET
2 UD0
User-defined data. Readable and writable by the EC when written
by the EC at its EC-only alias.
This bit is reset to ‘0’ when the LRESET# pin signal is asserted.
R/W
0h
VCC1_R
ESET and
PCI
RESET#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com