Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 152 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 152 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 148Page - Microchip Technology MEC1322 Datasheet HTML 149Page - Microchip Technology MEC1322 Datasheet HTML 150Page - Microchip Technology MEC1322 Datasheet HTML 151Page - Microchip Technology MEC1322 Datasheet HTML 152Page - Microchip Technology MEC1322 Datasheet HTML 153Page - Microchip Technology MEC1322 Datasheet HTML 154Page - Microchip Technology MEC1322 Datasheet HTML 155Page - Microchip Technology MEC1322 Datasheet HTML 156Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 456 page
background image
MEC1322
DS00001719D-page 152
 2014 - 2015 Microchip Technology Inc.
11.12 Instance Description
There are two blocks defined in this chapter: Emulated 8042 Interface and the Legacy Port92/GATEA20 Support. The
MEC1322 has one instance of each block.
11.13 Configuration Registers
The registers listed in the Configuration Register Summary table are for a single instance of the Emulated 8042 Inter-
face. The addresses of each register listed in this table are defined as a relative offset to the host “Base Address” defined
in the Configuration Register Base Address Table.
Each Configuration register access through the Host Access Port is via its LDN and its Host Access Port Index. EC
access is a relative offset to the EC Base Address.
FIGURE 11-5:
CPU_RESET IMPLEMENTATION DIAGRAM
TABLE 11-10: CONFIGURATION REGISTER BASE ADDRESS TABLE
Block Instance
Instance
Number
Logical
Device
Number
Host
Address Space
Base Address
Emulated 8042
Interface
0
1
LPC
Configuration Port
INDEX = 00h
EC
32-bit internal
address space
400F_0400h
TABLE 11-11: CONFIGURATION REGISTER SUMMARY
Offset
Register Name (Mnemonic)
30h
Activate Register
Pulse
Generator
FE Command
(From KRESET
Speed-up Logic)
Pulse
Generator
SAEN
ENAB P92
CPU_RESET
6
μs
14
μs
6
μs
14
μs
KRESET
ALT_RST#
Port 92 Reg (D0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com