Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 159 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 159 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 155Page - Microchip Technology MEC1322 Datasheet HTML 156Page - Microchip Technology MEC1322 Datasheet HTML 157Page - Microchip Technology MEC1322 Datasheet HTML 158Page - Microchip Technology MEC1322 Datasheet HTML 159Page - Microchip Technology MEC1322 Datasheet HTML 160Page - Microchip Technology MEC1322 Datasheet HTML 161Page - Microchip Technology MEC1322 Datasheet HTML 162Page - Microchip Technology MEC1322 Datasheet HTML 163Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 159
MEC1322
11.16 Legacy Port92/GATEA20 Configuration Registers
The registers listed in the Configuration Register Summary table are for a single instance of the Legacy
Port92/GATEA20 logic. The addresses of each register listed in this table are defined as a relative offset to the host
“Base Address” defined in the Configuration Register Base Address Table.
Each Configuration register access through the Host Access Port is via its LDN and its Host Access Port Index. EC
access is a relative offset to the EC Base Address.
11.16.1
PORT 92 ENABLE REGISTER
11.17 Legacy Port92/GATEA20 Runtime Registers
The registers listed in the Runtime Register Summary table are for a single instance of the Legacy Port92/GATEA20
logic. The addresses of each register listed in this table are defined as a relative offset to the host “Base Address”
defined in the Runtime Register Base Address Table.
The Base Address indicates where the first register can be accessed in a particular address space for a block instance.
TABLE 11-15: CONFIGURATION BASE ADDRESS TABLE
Block Instance
Instance
Number
Logical
Device
Number
Host
Address Space
Base Address
Port92-Legacy
0
1
LPC
Configuration Port
INDEX = 00h
EC
32-bit internal
address space
400F_1800h
TABLE 11-16: CONFIGURATION REGISTER SUMMARY
Offset
Register Name (Mnemonic)
30h
Port 92 Enable Register
Offset
30h
Bits
Description
Type
Default
Reset
Event
7:1 Reserved
R
-
-
0 P92_EN
When this bit is ‘1’, the Port92h Register is enabled. When this bit is
‘0’, the Port92h Register is disabled, and Host writes to LPC
address 92h are ignored.
R/W
0h
PWRGD
and
VCC1_R
ESET
TABLE 11-17: RUNTIME REGISTER BASE ADDRESS TABLE
Block Instance
Instance Number
Host
Address Space
Base Address
Port92-Legacy
0
LPC
I/O
0092h
EC
32-bit address
space
400F_1800h
TABLE 11-18: RUNTIME REGISTER SUMMARY
Offset
Register Name (Mnemonic)
0h
Port 92 Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com