Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 163 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 163 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 159Page - Microchip Technology MEC1322 Datasheet HTML 160Page - Microchip Technology MEC1322 Datasheet HTML 161Page - Microchip Technology MEC1322 Datasheet HTML 162Page - Microchip Technology MEC1322 Datasheet HTML 163Page - Microchip Technology MEC1322 Datasheet HTML 164Page - Microchip Technology MEC1322 Datasheet HTML 165Page - Microchip Technology MEC1322 Datasheet HTML 166Page - Microchip Technology MEC1322 Datasheet HTML 167Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 163
MEC1322
12.7.1
POWER DOMAINS
12.7.2
CLOCK INPUTS
12.7.3
RESETS
12.8
Interrupts
12.9
Low Power Modes
The Mailbox automatically enters a low power mode whenever it is not actively.
TABLE 12-2:
POWER SOURCES
Name
Description
VCC1
The logic and registers implemented in this block are powered by this
power well.
TABLE 12-3:
CLOCK INPUTS
Name
Description
48 MHz Ring Oscillator
This is the clock source for Mailbox logic.
TABLE 12-4:
RESET SIGNALS
Name
Description
VCC1_RESET
This signal resets all the registers and logic in this block to their default
state.
PWRGD
This signal is asserted when the main power rail is asserted. The Host
Access Port is reset when this signal is de-asserted.
TABLE 12-5:
SYSTEM INTERRUPTS
Source
Description
MBX_Host_SIRQ
This interrupt source for the SIRQ logic is generated when the EC_WR bit
is ‘1’ and enabled by the EC_WR_EN bit.
MBX_Host_SMI
This interrupt source for the SIRQ logic is generated when any of the
EC_SWI bits are asserted and the corresponding EC_SWI_EN bit are
asserted as well. This event is also asserted if the EC_WR/EC_WR_EN
event occurs as well.
This bit is also routed to the nSMI pin.
TABLE 12-6:
EC INTERRUPTS
Source
Description
MBX
Interrupt generated by the host writing the HOST-to-EC Mailbox register.
MBX_DATA
Interrupt generated by the host writing the MBX_DATA register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com