Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 167 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 167 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 163Page - Microchip Technology MEC1322 Datasheet HTML 164Page - Microchip Technology MEC1322 Datasheet HTML 165Page - Microchip Technology MEC1322 Datasheet HTML 166Page - Microchip Technology MEC1322 Datasheet HTML 167Page - Microchip Technology MEC1322 Datasheet HTML 168Page - Microchip Technology MEC1322 Datasheet HTML 169Page - Microchip Technology MEC1322 Datasheet HTML 170Page - Microchip Technology MEC1322 Datasheet HTML 171Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 167
MEC1322
TABLE 12-10: EC-ONLY REGISTER SUMMARY
EC Offset
Host I/O Index
(MBX_INDEX)
Register Name (Mnemonic)
00h
82h
HOST-to-EC Mailbox Register
04h
83h
EC-to-Host Mailbox Register
08h
96h
SMI Interrupt Source Register
0Ch
97h
SMI Interrupt Mask Register
10h
84h
Mailbox register [0]
85h
Mailbox register [1]
86h
Mailbox register [2]
87h
Mailbox register [3]
14h
88h
Mailbox register [4]
89h
Mailbox register [5]
8Ah
Mailbox register [6]
8Bh
Mailbox register [7]
18h
8Ch
Mailbox register [8]
8Dh
Mailbox register [9]
8Eh
Mailbox register [A]
8Fh
Mailbox register [B]
1Ch
90h
Mailbox register [C]
91h
Mailbox register [D]
92h
Mailbox register [E]
93h
Mailbox register [F]
20h
94h
Mailbox register [10]
95h
Mailbox register [11]
98h
Mailbox register [12]
99h
Mailbox register [13]
24h
9Bh
Mailbox register [14]
9Dh
Mailbox register [15]
9Fh
Mailbox register [16]
A0h
Mailbox register [17]
28h
A1h
Mailbox register [18]
A2h
Mailbox register [19]
A3h
Mailbox register [1A]
A4h
Mailbox register [1B]
2Ch
A5h
Mailbox register [1C]
A6h
Mailbox register [1D]
A7h
Mailbox register [1E]
A8h
Mailbox register [1F]
30h
A9h
Mailbox register [20]
AAh
Mailbox register [21]
ABh
Mailbox register [22]
ACh
Mailbox register [23]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com