Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 168 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 168 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 164Page - Microchip Technology MEC1322 Datasheet HTML 165Page - Microchip Technology MEC1322 Datasheet HTML 166Page - Microchip Technology MEC1322 Datasheet HTML 167Page - Microchip Technology MEC1322 Datasheet HTML 168Page - Microchip Technology MEC1322 Datasheet HTML 169Page - Microchip Technology MEC1322 Datasheet HTML 170Page - Microchip Technology MEC1322 Datasheet HTML 171Page - Microchip Technology MEC1322 Datasheet HTML 172Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 456 page
background image
MEC1322
DS00001719D-page 168
 2014 - 2015 Microchip Technology Inc.
12.12.1
HOST-TO-EC MAILBOX REGISTER
12.12.2
EC-TO-HOST MAILBOX REGISTER
34h
ADh
Mailbox register [24]
AEh
Mailbox register [25]
AFh
Mailbox register [26]
B0h
Mailbox register [27]
38h
B1h
Mailbox register [28]
B2h
Mailbox register [29]
B3h
Mailbox register [2A]
Note:
The Mailbox Index Addresses 9Ah, 9Ch and 9Eh are not used in Table 12-10. These addresses are
Reserved.
Offset
0h
MBX_
INDEX
82h
Bits
Description
Type
Default
Reset
Event
7:0 HOST_EC_MBOX
If enabled, an interrupt to the EC marked by the MBX_DATA bit in
the Interrupt Aggregator will be generated whenever the Host writes
this register.
This register is cleared when written with FFh.
Host
Access
Port:
R/W
EC:
R/WC
0h
VCC1_R
ESET
Offset
4h
MBX_
INDEX
83h
Bits
Description
Type
Default
Reset
Event
7:0 EC_HOST_MBOX
An EC write to this register will set bit EC_WR in the SMI Interrupt
Source Register to ‘1b’. If enabled, this will’ generate a Host SMI.
This register is cleared when written with FFh.
Host
Access
Port:
R/WC
EC:
R/W
0h
VCC1_R
ESET
TABLE 12-10: EC-ONLY REGISTER SUMMARY (CONTINUED)
EC Offset
Host I/O Index
(MBX_INDEX)
Register Name (Mnemonic)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com