Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 171 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 171 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 167Page - Microchip Technology MEC1322 Datasheet HTML 168Page - Microchip Technology MEC1322 Datasheet HTML 169Page - Microchip Technology MEC1322 Datasheet HTML 170Page - Microchip Technology MEC1322 Datasheet HTML 171Page - Microchip Technology MEC1322 Datasheet HTML 172Page - Microchip Technology MEC1322 Datasheet HTML 173Page - Microchip Technology MEC1322 Datasheet HTML 174Page - Microchip Technology MEC1322 Datasheet HTML 175Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 171
MEC1322
13.5
Signal Description
Table 13-1, "ACPI PM1 Signal Description Table" lists the signals that are typically routed to the pin interface.
13.6
Host Interface
The registers defined for the ACPI PM1 Block Interface are accessible by the various hosts as indicated in Section
13.11, "Runtime Registers".
13.7
Power, Clocks and Resets
This section defines the Power, Clock, and Reset parameters of the block.
13.7.1
POWER DOMAINS
13.7.2
CLOCKS
This section describes all the clocks in the block, including those that are derived from the I/O Interface as well as the
ones that are derived or generated internally.
13.7.3
RESETS
13.8
Interrupts
This section defines the Interrupt Sources generated from this block.
TABLE 13-1:
ACPI PM1 SIGNAL DESCRIPTION TABLE
Name
Direction
Description
EC_SCI#
Output
Any or all of the PWRBTN_STS, SLPBTN_STS, and RTC_STS bits
in the Power Management 1 Status 2 Register can assert the
EC_SCI# pin if enabled by the associated bits in the Power Man-
agement 1 Enable 2 Register register. The EC_SCI_STS bit in the
EC-Only Registers register can also be used to generate an SCI on
the EC_SCI# pin.
TABLE 13-2:
POWER SOURCES
Name
Description
VCC1
This power well sources the registers and logic in this block.
TABLE 13-3:
CLOCKS
Name
Description
48 MHz Ring Oscillator
This clock signal drives selected logic (e.g., counters).
TABLE 13-4:
RESET SIGNALS
Name
Description
VCC1_RESET
This reset signal resets all of the registers and logic in this block.
TABLE 13-5:
EC INTERRUPTS
Source
Description
ACPIPM1_CTL
This Interrupt is generated to the EC by the Host writing to the Power
Management 1 Control 2 Register register
ACPIPM1_EN
This Interrupt is generated to the EC by the Host writing to the Power
Management 1 Enable 2 Register register
ACPIPM1_STS
This Interrupt is generated to the EC by the Host writing to the Power
Management 1 Status 2 Register register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com