Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 173 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 173 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 169Page - Microchip Technology MEC1322 Datasheet HTML 170Page - Microchip Technology MEC1322 Datasheet HTML 171Page - Microchip Technology MEC1322 Datasheet HTML 172Page - Microchip Technology MEC1322 Datasheet HTML 173Page - Microchip Technology MEC1322 Datasheet HTML 174Page - Microchip Technology MEC1322 Datasheet HTML 175Page - Microchip Technology MEC1322 Datasheet HTML 176Page - Microchip Technology MEC1322 Datasheet HTML 177Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 173
MEC1322
Figure 13-2 describes the relationship of PM1 Status and Enable bits to the EC_SCI# pin.
13.11 Runtime Registers
The registers listed in the Runtime Register Summary table are for a single instance of the
ACPI PM1 interface. The
addresses of each register listed in this table are defined as a relative offset to the host “Base Address” defined in the
Runtime Register Base Address Table.
The Base Address indicates where the first register can be accessed in a particular address space for a block instance.
RTC Alarm
RTC_STS
The ACPI specification requires that the RTC alarm generate a hardware
wake-up event from the sleeping state. The RTC alarm can be enabled as
an SCI event and its status can be determined through bits in the Runtime
Registers. The status bit is software Read/Writable by the EC; the enable
bit is Read-only by the EC.
The RTC_STS bit is set by the Host to enable the generation of an SCI due
to the RTC alarm event. The status bit is set by the EC when the RTC gen-
erates an alarm event and is cleared by the Host writing a ‘1’ to this bit (writ-
ing a ‘0’ has no effect); it can also be cleared by the EC. If the enable bit is
set, the EC will generate an SCI power management event.
FIGURE 13-2:
EC_SCI# INTERFACE
TABLE 13-6:
RUNTIME REGISTER BASE ADDRESS TABLE
Block Instance
Instance
Number
Host
Address Space
Base Address
ACPI PM1 Block
Interface
0
LPC
I/O
Programmed BAR
0
EC
32-bit internal
address space
400F_1400h
TABLE 13-7:
RUNTIME REGISTERS SUMMARY
Offset
Register Name
00h
Power Management 1 Status 1 Register
01h
Power Management 1 Status 2 Register
02h
Power Management 1 Enable 1 Register
03h
Power Management 1 Enable 2 Register
04h
Power Management 1 Control 1 Register
05h
Power Management 1 Control 2 Register
Event
Event Bit
Definition
PM1_EN 2
Register
PM1_STS 2
Register
PWRBTN_STS
SLPBTN_STS
RTC_STS
EC_SCI_STS
EC_PM_STS Register
EC_SCI#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com