Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 176 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 176 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 172Page - Microchip Technology MEC1322 Datasheet HTML 173Page - Microchip Technology MEC1322 Datasheet HTML 174Page - Microchip Technology MEC1322 Datasheet HTML 175Page - Microchip Technology MEC1322 Datasheet HTML 176Page - Microchip Technology MEC1322 Datasheet HTML 177Page - Microchip Technology MEC1322 Datasheet HTML 178Page - Microchip Technology MEC1322 Datasheet HTML 179Page - Microchip Technology MEC1322 Datasheet HTML 180Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 456 page
background image
MEC1322
DS00001719D-page 176
 2014 - 2015 Microchip Technology Inc.
13.11.7
POWER MANAGEMENT 2 CONTROL 1 REGISTER
13.11.8
POWER MANAGEMENT 2 CONTROL 2 REGISTER
13.12 EC-Only Registers
The registers listed in the EC-Only Register Summary table are for a single instance of the
ACPI PM1 interface. The
addresses of each register listed in this table are defined as a relative offset to the host “Base Address” defined in the
EC-Only Register Base Address Table.
The Base Address indicates where the first register can be accessed in a particular address space for a block instance.
Offset
06h
Bits
Description
Type
Default
Reset
Event
7:0 Reserved
R
-
-
Offset
07h
Bits
Description
Type
Default
Reset
Event
7:0 Reserved
R
-
-
TABLE 13-9:
EC-ONLY REGISTER BASE ADDRESS TABLE
Block Instance
Instance Number
Host
Address Space
Base Address
ACPI PM1 Block Inter-
face
0
EC
32-bit address
space
400F_1500h
TABLE 13-10: EC-ONLY REGISTERS SUMMARY
Offset
Register Name
00h
Power Management 1 Status 1 Register
01h
Power Management 1 Status 2 Register
02h
Power Management 1 Enable 1 Register
03h
Power Management 1 Enable 2 Register
04h
Power Management 1 Control 1 Register
05h
Power Management 1 Control 2 Register
06h
Power Management 2 Control 1 Register
07h
Power Management 2 Control 2 Register
10h
EC_PM_STS Register
Note:
The Power Management Status, Enable and Control registers in Table 13-10, "EC-Only Registers Sum-
mary" are described in Section 13.11, "Runtime Registers," on page 173.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com