Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 172 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 172 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 168Page - Microchip Technology MEC1322 Datasheet HTML 169Page - Microchip Technology MEC1322 Datasheet HTML 170Page - Microchip Technology MEC1322 Datasheet HTML 171Page - Microchip Technology MEC1322 Datasheet HTML 172Page - Microchip Technology MEC1322 Datasheet HTML 173Page - Microchip Technology MEC1322 Datasheet HTML 174Page - Microchip Technology MEC1322 Datasheet HTML 175Page - Microchip Technology MEC1322 Datasheet HTML 176Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 456 page
background image
MEC1322
DS00001719D-page 172
 2014 - 2015 Microchip Technology Inc.
13.9
Low Power Modes
The ACPI PM1 Block Interface may be put into a low power state by the chip’s Power, Clocks, and Reset (PCR) circuitry.
13.10 Description
This section describes the functions of the ACPI PM1 Block Interface in more detail.
The MEC1322 implements the ACPI fixed registers but includes only those bits that apply to the power button sleep
button and RTC alarm events. The ACPI WAK_STS, SLP_TYP, and SLP_EN bits are also supported.
The MEC1322 can generate SCI Interrupts to the Host. The functions described in the following sub-sections can gen-
erate a SCI event on the EC_SCI# pin. In the MEC1322, an SCI event is considered the same as an ACPI wakeup or
runtime event.
13.10.1
SCI EVENT-GENERATING FUNCTIONS
Event
Event Bit
Definition
Power Button
with Override
PWRBTN_STS
The power button has a status and an enable bit in the PM1_BLK of regis-
ters to provide an SCI upon the button press. The status bit is software
Read/Writable by the EC; the enable bit is Read-only by the EC. It also has
a status and enable bit in the PM1_BLK of registers to indicate and control
the power button override (fail-safe) event. These bits are not required by
ACPI.
The PWRBTN_STS bit is set by the Host to enable the generation of an
SCI due to the power button event. The status bit is set by the EC when it
generates a power button event and is cleared by the Host writing a ‘1’ to
this bit (writing a ‘0’ has no effect); it can also be cleared by the EC. If the
enable bit is set, the EC generates an SCI power management event.
PWRBTNOR_STS
The power button has a status and an enable bit in the PM1_BLK of regis-
ters to provide an SCI upon the power button override.The power button
override event status bit is software Read/Writable by the EC; the enable bit
is software read-only by the EC.The enable bit for the override event is
located at bit 1 in the Power Management 1 Control Register 2 (PM1_CN-
TRL 2).The power button bit has a status and enable bit in the Runtime
Registers to provide an SCI power management event on a button press
The PWRBTNOR_STS bit is set by the Host to enable the generation of an
SCI due to the power button override event. The status bit is set by the EC
when it generates a power button event and is cleared by the Host writing a
‘1’ to this bit (writing a ‘0’ has no effect); it can also be cleared by the EC. If
the enable bit is set, the EC generates an SCI power management event.
Sleep Button
SLPBTN_STS
The sleep button that has a status and an enable bit in the Runtime Regis-
ters to provide an SCI power management event on a button press. The
status bit is software Read/Writable by the EC; the enable bit is Read-only
by the EC.
The SLPBTN_STS bit is set by the Host to enable the generation of an SCI
due to the sleep button event. The status bit is set by the EC when it gener-
ates a sleep button event and is cleared by the Host writing a ‘1’ to this bit
(writing a ‘0’ has no effect); it can also be cleared by the EC. If the enable
bit is set, the EC will generate an SCI power management event.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com