Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 175 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 175 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 171Page - Microchip Technology MEC1322 Datasheet HTML 172Page - Microchip Technology MEC1322 Datasheet HTML 173Page - Microchip Technology MEC1322 Datasheet HTML 174Page - Microchip Technology MEC1322 Datasheet HTML 175Page - Microchip Technology MEC1322 Datasheet HTML 176Page - Microchip Technology MEC1322 Datasheet HTML 177Page - Microchip Technology MEC1322 Datasheet HTML 178Page - Microchip Technology MEC1322 Datasheet HTML 179Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 175
MEC1322
13.11.4
POWER MANAGEMENT 1 ENABLE 2 REGISTER
Note 13-2
These bits are read-only by the EC.
13.11.5
POWER MANAGEMENT 1 CONTROL 1 REGISTER
13.11.6
POWER MANAGEMENT 1 CONTROL 2 REGISTER
Note 13-3
These bits are read-only by the EC.
Offset
03h
Bits
Description
Type
Default
Reset
Event
7:3 Reserved
R
-
-
2RTC_EN
This bit can be read or written by the Host. It can be read by the EC.
R/W
(Note 13
-2)
00h
VCC1_R
ESET
1 SLPBTN_EN
This bit can be read or written by the Host. It can be read by the EC.
R/W
(Note 13
-2)
00h
VCC1_R
ESET
0 PWRBTN_EN
This bit can be read or written by the Host. It can be read by the EC.
R/W
(Note 13
-2)
00h
VCC1_R
ESET
Offset
04h
Bits
Description
Type
Default
Reset
Event
7:0 Reserved
R
0h
VCC1_R
ESET
Offset
05h
Bits
Description
Type
Default
Reset
Event
7:6 Reserved
R
-
-
5 SLP_EN
See Table 13-8.
See
Table 13
-8.
00h
VCC1_R
ESET
4:2 SLP_TYP
These bits can be set or cleared by the Host, read by the EC.
R/W
(Note 13
-3)
00h
VCC1_R
ESET
1 PWRBTNOR_EN
This bit can be set or cleared by the Host, read by the EC.
R/W
(Note 13
-3)
00h
VCC1_R
ESET
0 Reserved
R
-
-
TABLE 13-8:
SLP_EN DEFINITION
Host / EC
R/W
Description
Host
Read
Always reads 0
Write
Writing a 0 has no effect, Writing a 1 sets this bit
EC
Read
Reads the value of the bit
Write
Writing a 0 has no effect, Writing a 1 clears this bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com