Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 179 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 179 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 175Page - Microchip Technology MEC1322 Datasheet HTML 176Page - Microchip Technology MEC1322 Datasheet HTML 177Page - Microchip Technology MEC1322 Datasheet HTML 178Page - Microchip Technology MEC1322 Datasheet HTML 179Page - Microchip Technology MEC1322 Datasheet HTML 180Page - Microchip Technology MEC1322 Datasheet HTML 181Page - Microchip Technology MEC1322 Datasheet HTML 182Page - Microchip Technology MEC1322 Datasheet HTML 183Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 179
MEC1322
14.6
Power, Clocks and Reset
This section defines the Power, Clock, and Reset parameters of the block.
14.6.1
POWER DOMAINS
14.6.2
CLOCK INPUTS
14.6.3
RESETS
14.7
Interrupts
This section defines the Interrupt Sources generated from this block.
14.8
Low Power Modes
The UART may be put into a low power state by the chip’s Power, Clocks, and Reset (PCR) circuitry.
14.9
Description
The UART is compatible with the 16450, the 16450 ACE registers and the 16C550A. The UART performs serial-to-par-
allel conversions on received characters and parallel-to-serial conversions on transmit characters. Two sets of baud
rates are provided. When the 1.8432 MHz source clock is selected, standard baud rates from 50 to 115.2K are available.
When the source clock is 32.26 MHz, baud rates from 126K to 2,016K are available. The character options are program-
mable for 1 start; 1, 1.5 or 2 stop bits; even, odd, sticky or no parity; and prioritized interrupts. The UART contains a
programmable baud rate generator that is capable of dividing the input clock signal by 1 to 65535. The UART is also
TABLE 14-2:
POWER SOURCES
Name
Description
VCC1
This Power Well is used to power the registers and logic in this block.
TABLE 14-3:
CLOCK INPUTS
Name
Description
1.8432MHz_Clk
The UART requires a 1.8432 MHz ± 2% clock input for baud rate
generation.
24MHz_Clk
24 MHz ± 2% clock input. This clock may be enabled to generate the
baud rate, which requires a 1.8432 MHz ± 2% clock input.
TABLE 14-4:
RESET SIGNALS
Name
Description
VCC1_RESET
This reset is asserted when VCC1 is applied.
nSIO_RESET
This is an alternate reset condition, typically asserted when the main
power rail is asserted.
RESET
This reset is determined by the
POWER bit signal. When the power bit
signal is 1, this signal is equal to nSIO_RESET. When the power bit
signal is 0, this signal is equal to VCC1_RESET.
TABLE 14-5:
SYSTEM INTERRUPTS
Source
Description
UART
The UART interrupt event output indicates if an interrupt is pending. See
Table 14-13, “Interrupt Control Table,” on page 186.
TABLE 14-6:
EC INTERRUPTS
Source
Description
UART
The UART interrupt event output indicates if an interrupt is pending. See
Table 14-13, “Interrupt Control Table,” on page 186.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com