Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 182 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 182 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 178Page - Microchip Technology MEC1322 Datasheet HTML 179Page - Microchip Technology MEC1322 Datasheet HTML 180Page - Microchip Technology MEC1322 Datasheet HTML 181Page - Microchip Technology MEC1322 Datasheet HTML 182Page - Microchip Technology MEC1322 Datasheet HTML 183Page - Microchip Technology MEC1322 Datasheet HTML 184Page - Microchip Technology MEC1322 Datasheet HTML 185Page - Microchip Technology MEC1322 Datasheet HTML 186Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 456 page
background image
MEC1322
DS00001719D-page 182
 2014 - 2015 Microchip Technology Inc.
14.10.2
CONFIGURATION SELECT REGISTER
14.11 Runtime Registers
The registers listed in the Runtime Register Summary table are for a single instance of the UART. The addresses of
each register listed in this table are defined as a relative offset to the host “Base Address” defined in Runtime Register
Base Address Table.
Note 14-1
The Base Address indicates where the first register can be accessed in a particular address space
for a block instance.
Note 14-2
DLAB is bit 7 of the Line Control Register.
Offset
F0h
Bits
Description
Type
Default
Reset
Event
7:3 Reserved
R
-
-
2POLARITY
1=The UART_TX and UART_RX pins functions are inverted
0=The UART_TX and UART_RX pins functions are not inverted
R/W
0b
RESET
1POWER
1=The RESET reset signal is derived from nSIO_RESET
0=The RESET reset signal is derived from VCC1_RESET
R/W
1b
RESET
0 CLK_SRC
1=The UART Baud Clock is derived from an external clock source
0=The UART Baud Clock is derived from one of the two internal clock
sources
R/W
0b
RESET
TABLE 14-10: RUNTIME REGISTER BASE ADDRESS TABLE
Block Instance
Instance
Number
Host
Address Space
Base Address (
Note 14-1)
UART
0
LPC
I/O
Programmed BAR
EC
32-bit internal
address space
400F_1C00h
TABLE 14-11: RUNTIME REGISTER SUMMARY
DLAB
(
Note 14-2)
Offset
Register Name (Mnemonic)
00h
Receive Buffer Register
00h
Transmit Buffer Register
10h
Programmable Baud Rate Generator LSB Register
11h
Programmable Baud Rate Generator MSB Register
01h
Interrupt Enable Register
x02h
FIFO Control Register
x02h
Interrupt Identification Register
x03h
Line Control Register
x04h
Modem Control Register
x05h
Line Status Register
x06h
Modem Status Register
x07h
Scratchpad Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com