Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 181 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 181 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 177Page - Microchip Technology MEC1322 Datasheet HTML 178Page - Microchip Technology MEC1322 Datasheet HTML 179Page - Microchip Technology MEC1322 Datasheet HTML 180Page - Microchip Technology MEC1322 Datasheet HTML 181Page - Microchip Technology MEC1322 Datasheet HTML 182Page - Microchip Technology MEC1322 Datasheet HTML 183Page - Microchip Technology MEC1322 Datasheet HTML 184Page - Microchip Technology MEC1322 Datasheet HTML 185Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 181
MEC1322
14.10 Configuration Registers
The registers listed in the Configuration Register Summary table are for a single instance of the UART. The addresses
of each register listed in this table are defined as a relative offset to the host “Base Address” defined in the Configuration
Register Base Address Table.
Each Configuration register access through the Host Access Port is via its LDN and its Host Access Port Index. EC
access is a relative offset to the EC Base Address.
14.10.1
ACTIVATE REGISTER
300000
1
5
375000
1
4
500000
1
3
750000
1
2
1500000
1
1
FIGURE 14-2:
CONFIGURATION REGISTER BASE ADDRESS TABLE
Block Instance
Instance
Number
Logical
Device
Number
Host
Address Space
Base Address
UART
0
7
LPC
Configuration Port
INDEX = 00h
UART
0
EC
32-bit internal
address space
400F_1F00h
TABLE 14-9:
CONFIGURATION REGISTER SUMMARY
Offset
Register Name (Mnemonic)
30h
Activate Register
F0h
Configuration Select Register
Offset
30h
Bits
Description
Type
Default
Reset
Event
7:1 Reserved
R
-
-
0 ACTIVATE
When this bit is 1, the UART logical device is powered and func-
tional. When this bit is 0, the UART logical device is powered down
and inactive.
R/W
0b
RESET
TABLE 14-8:
UART BAUD RATES USING CLOCK SOURCE 24MHz_Clk (CONTINUED)
Desired Baud Rate
BAUD_CLOCK_SEL
Divisor Used to Generate
16X Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com