Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 183 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 183 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 179Page - Microchip Technology MEC1322 Datasheet HTML 180Page - Microchip Technology MEC1322 Datasheet HTML 181Page - Microchip Technology MEC1322 Datasheet HTML 182Page - Microchip Technology MEC1322 Datasheet HTML 183Page - Microchip Technology MEC1322 Datasheet HTML 184Page - Microchip Technology MEC1322 Datasheet HTML 185Page - Microchip Technology MEC1322 Datasheet HTML 186Page - Microchip Technology MEC1322 Datasheet HTML 187Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 183
MEC1322
14.11.1
RECEIVE BUFFER REGISTER
14.11.2
TRANSMIT BUFFER REGISTER
14.11.3
PROGRAMMABLE BAUD RATE GENERATOR LSB REGISTER
14.11.4
PROGRAMMABLE BAUD RATE GENERATOR MSB REGISTER
Offset
0h (DLAB=0)
Bits
Description
Type
Default
Reset
Event
7:0 RECEIVED_DATA
This register holds the received incoming data byte. Bit 0 is the least
significant bit, which is transmitted and received first. Received data
is double buffered; this uses an additional shift register to receive the
serial data stream and convert it to a parallel 8 bit word which is
transferred to the Receive Buffer register. The shift register is not
accessible.
R0h
RESET
Offset
0h (DLAB=0)
Bits
Description
Type
Default
Reset
Event
7:0 TRANSMIT_DATA
This register contains the data byte to be transmitted. The transmit
buffer is double buffered, utilizing an additional shift register (not
accessible) to convert the 8 bit data word to a serial format. This shift
register is loaded from the Transmit Buffer when the transmission of
the previous byte is complete.
W0h
RESET
Offset
00h (DLAB=1)
Bits
Description
Type
Default
Reset
Event
7:0 BAUD_RATE_DIVISOR_LSB
See Section 14.9.1, "Programmable Baud Rate".
R/W
0h
RESET
Offset
01h (DLAB=1)
Bits
Description
Type
Default
Reset
Event
7 BAUD_CLK_SEL
1=If CLK_SRC is ‘0’, the baud clock is derived from the 1.8432MHz_-
Clk. If CLK_SRC is ‘1’, this bit has no effect
1=If CLK_SRC is ‘0’, the baud clock is derived from the 24MHz_Clk.
If CLK_SRC is ‘1’, this bit has no effect
R/W
0h
RESET
6:0 BAUD_RATE_DIVISOR_MSB
See Section 14.9.1, "Programmable Baud Rate".
R/W
0h
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com