Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 187 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 187 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 183Page - Microchip Technology MEC1322 Datasheet HTML 184Page - Microchip Technology MEC1322 Datasheet HTML 185Page - Microchip Technology MEC1322 Datasheet HTML 186Page - Microchip Technology MEC1322 Datasheet HTML 187Page - Microchip Technology MEC1322 Datasheet HTML 188Page - Microchip Technology MEC1322 Datasheet HTML 189Page - Microchip Technology MEC1322 Datasheet HTML 190Page - Microchip Technology MEC1322 Datasheet HTML 191Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 187
MEC1322
14.11.8
LINE CONTROL REGISTER
Offset 03h
Bits
Description
Type
Default
Reset
Event
7DLAB
Divisor Latch Access Bit (DLAB). It must be set high (logic “1”) to
access the Divisor Latches of the Baud Rate Generator during read
or write operations. It must be set low (logic “0”) to access the
Receiver Buffer Register, the Transmitter Holding Register, or the
Interrupt Enable Register.
R/W
0h
RESET
6 BREAK_CONTROL
Set Break Control bit. When bit 6 is a logic “1”, the transmit data out-
put (TXD) is forced to the Spacing or logic “0” state and remains
there (until reset by a low level bit 6) regardless of other transmitter
activity. This feature enables the Serial Port to alert a terminal in a
communications system.
R/W
0h
RESET
5STICK_PARITY
Stick Parity bit. When parity is enabled it is used in conjunction with
bit 4 to select Mark or Space Parity. When LCR bits 3, 4 and 5 are 1
the Parity bit is transmitted and checked as a 0 (Space Parity). If bits
3 and 5 are 1 and bit 4 is a 0, then the Parity bit is transmitted and
checked as 1 (Mark Parity). If bit 5 is 0 Stick Parity is disabled.
Bit 3 is a logic “1” and bit 5 is a logic “1”, the parity bit is transmitted
and then detected by the receiver in the opposite state indicated by
bit 4.
R/W
0h
RESET
4 PARITY_SELECT
Even Parity Select bit. When bit 3 is a logic “1” and bit 4 is a logic “0”,
an odd number of logic “1”'s is transmitted or checked in the data
word bits and the parity bit. When bit 3 is a logic “1” and bit 4 is a
logic “1” an even number of bits is transmitted and checked.
R/W
0h
RESET
3 ENABLE_PARITY
Parity Enable bit. When bit 3 is a logic “1”, a parity bit is gener-
ated (transmit data) or checked (receive data) between the last
data word bit and the first stop bit of the serial data. (The parity bit is
used to generate an even or odd number of 1s when the data word
bits and the parity bit are summed).
R/W
0h
RESET
2 STOP_BITS
This bit specifies the number of stop bits in each transmitted or
received serial character. Table 14-14 summarizes the information.
R/W
0h
RESET
1:0 WORD_LENGTH
These two bits specify the number of bits in each transmitted or
received serial character. The encoding of bits 0 and 1 is as follows:
R/W
0h
RESET
TABLE 14-14: STOP BITS
Bit 2
Word Length
Number of Stop Bits
0--
1
15 bits
1.5
6 bits
2
7 bits
8 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com