Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 189 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 189 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 185Page - Microchip Technology MEC1322 Datasheet HTML 186Page - Microchip Technology MEC1322 Datasheet HTML 187Page - Microchip Technology MEC1322 Datasheet HTML 188Page - Microchip Technology MEC1322 Datasheet HTML 189Page - Microchip Technology MEC1322 Datasheet HTML 190Page - Microchip Technology MEC1322 Datasheet HTML 191Page - Microchip Technology MEC1322 Datasheet HTML 192Page - Microchip Technology MEC1322 Datasheet HTML 193Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 189
MEC1322
14.11.10 LINE STATUS REGISTER
0DTR
This bit controls the Data Terminal Ready (nDTR) output. When bit 0
is set to a logic “1”, the nDTR output is forced to a logic “0”. When bit
0 is a logic “0”, the nDTR output is forced to a logic “1”.
R/W
0h
RESET
Offset
05h
Bits
Description
Type
Default
Reset
Event
7 FIFO_ERROR
This bit is permanently set to logic “0” in the 450 mode. In the
FIFO mode, this bit is set to a logic “1” when there is at least one
parity error, framing error or break indication in the FIFO. This bit
is cleared when the LSR is read if there are no subsequent errors
in the FIFO.
R0h
RESET
6 TRANSMIT_ERROR
Transmitter Empty. Bit 6 is set to a logic “1” whenever the Trans-
mitter Holding Register (THR) and Transmitter Shift Register
(TSR) are both empty. It is reset to logic “0” whenever either the
THR or TSR contains a data character. Bit 6 is a read only bit. In
the FIFO mode this bit is set whenever the THR and TSR are both
empty,
R0h
RESET
5 TRANSMIT_EMPTY
Transmitter Holding Register Empty Bit 5 indicates that the Serial
Port is ready to accept a new character for transmission. In addi-
tion, this bit causes the Serial Port to issue an interrupt when the
Transmitter Holding Register interrupt enable is set high. The
THRE bit is set to a logic “1” when a character is transferred from
the Transmitter Holding Register into the Transmitter Shift Regis-
ter. The bit is reset to logic “0” whenever the CPU loads the Trans-
mitter Holding Register. In the FIFO mode this bit is set when the
XMIT FIFO is empty, it is cleared when at least 1 byte is written to
the XMIT FIFO. Bit 5 is a read only bit.
R0h
RESET
4 BREAK_INTERRUPT
Break Interrupt. Bit 4 is set to a logic “1” whenever the received
data input is held in the Spacing state (logic “0”) for longer than a
full word transmission time (that is, the total time of the start bit +
data bits + parity bits + stop bits). The BI is reset after the CPU
reads the contents of the Line Status Register. In the FIFO mode
this error is associated with the particular character in the FIFO it
applies to. This error is indicated when the associated character is
at the top of the FIFO. When break occurs only one zero character
is loaded into the FIFO. Restarting after a break is received,
requires the serial data (RXD) to be logic “1” for at least 1/2 bit
time.
Bits 1 through 4 are the error conditions that produce a Receiver
Line Status Interrupt BIT 3 whenever any of the corresponding
conditions are detected and the interrupt is enabled
R0h
RESET
Offset
04h
Bits
Description
Type
Default
Reset
Event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com